Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1367CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1367CS
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1367CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1367CS Datasheet HTML 5Page - Linear Technology LT1367CS Datasheet HTML 6Page - Linear Technology LT1367CS Datasheet HTML 7Page - Linear Technology LT1367CS Datasheet HTML 8Page - Linear Technology LT1367CS Datasheet HTML 9Page - Linear Technology LT1367CS Datasheet HTML 10Page - Linear Technology LT1367CS Datasheet HTML 11Page - Linear Technology LT1367CS Datasheet HTML 12Page - Linear Technology LT1367CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1366/LT1367
LT1368/LT1369
TYPICAL PERFORMANCE CHARACTERISTICS
(The data presented here applies to the LT1366/ LT1367/LT1368/LT1369 unless otherwise noted.)
Minimum Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
1
100
150
200
5
LT1366 TPC10
50
0
2
3
4
TA = 70°C
TA = 85°C
NONFUNCTIONAL
TA = 25°C
TA = – 55°C
Noise Current Spectrum
FREQUENCY (Hz)
1
0.5
0.6
0.7
0.8
10
100
1000
LT1366 TPC13
0.4
0.2
0.3
0
0.1
VS = 5V, 0V
VCM = 2.5V
VCM = 4V
FREQUENCY (Hz)
–20
0
10
30
50
1k
100k
1M
10M
LT1366 TPC15
–40
–50
10k
20
–10
–30
40
0
40
60
100
140
–40
–60
80
20
–20
120
GAIN
PHASE
VS = ±2.5V
CL = 0.1µF
Gain and Phase Shift vs
Frequency (LT1368/LT1369)
Gain and Phase Shift vs
Frequency (LT1366/LT1367)
FREQUENCY (Hz)
0
20
30
50
70
1k
100k
1M
10M
LT1366 TPC14
–20
–30
10k
40
10
–10
60
0
40
60
100
140
–40
–60
80
20
–20
120
VS = ±2.5V
GAIN
PHASE
Noise Voltage Spectrum
FREQUENCY (Hz)
1
40
50
60
70
10
100
1000
LT1366 TPC12
30
20
0
10
VS = 5V, 0V
VCM = 4V
VCM = 2.5V
FREQUENCY (Hz)
50
70
80
100
120
1k
100k
1M
LT1366 TPC16
30
20
10k
90
60
40
110
VS = ±2.5V
CMRR vs Frequency
(LT1366 and LT1367)
FREQUENCY (Hz)
80
100
120
1k
100k
1M
LT1366 TPC18
20
10k
60
40
0
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±2.5V
PSRR vs Frequency
(LT1368/LT1369)
TIME (1s/DIV)
LT1366 TPC11
VS = ±2.5V
VCM = 0V
0.1Hz to 10Hz
Output Voltage Noise
PSRR vs Frequency
(LT1366/ LT1367)
FREQUENCY (Hz)
80
100
120
1k
100k
1M
LT1366 TPC17
20
10k
60
40
0
POSITIVE SUPPLY
VS = ±2.5V
NEGATIVE SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com