Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1367CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1367CS
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1367CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1367CS Datasheet HTML 2Page - Linear Technology LT1367CS Datasheet HTML 3Page - Linear Technology LT1367CS Datasheet HTML 4Page - Linear Technology LT1367CS Datasheet HTML 5Page - Linear Technology LT1367CS Datasheet HTML 6Page - Linear Technology LT1367CS Datasheet HTML 7Page - Linear Technology LT1367CS Datasheet HTML 8Page - Linear Technology LT1367CS Datasheet HTML 9Page - Linear Technology LT1367CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1366/LT1367
LT1368/LT1369
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1366/LT1368)
VCM = VCC
200
700
µV
VCM = VEE
200
700
µV
Input Offset Voltage (LT1367/LT1369)
VCM = VCC
200
1000
µV
VCM = VEE
200
900
µV
∆VOS
Input Offset Voltage Shift (LT1366/LT1368)
VCM = VEE to VCC
150
500
µV
Input Offset Voltage Match (Channel to Channel)
VCM = VEE, VCC (Notes 3, 4)
300
1300
µV
Input Offset Voltage Shift (LT1367/LT1369)
VCM = VEE to VCC
150
650
µV
Input Offset Voltage Match (Channel to Channel)
VCM = VEE, VCC (Notes 3, 4)
300
2000
µV
IB
Input Bias Current
VCM = VCC
0
10
35
nA
VCM = VEE
– 35
–10
0
nA
∆IB
Input Bias Current Shift
VCM = VEE to VCC
20
70
nA
IOS
Input Offset Current
VCM = VCC
1.0
12
nA
VCM = VEE
0.3
12
nA
∆IOS
Input Offset Current Shift
VCM = VEE to VCC
112
nA
Input Bias Current Match (Channel to Channel)
VCM = VCC (Note 3)
0
1
12
nA
VCM = VEE (Note 3)
0
1
12
nA
CIN
Input Capacitance
7.1
pF
AVOL
Large-Signal Voltage Gain
VO = –14.7V to 14.7V, RL = 10k
1000
10000
V/mV
VO = –10V to 10V, RL = 2k
500
10000
V/mV
Channel Separation
VO = –10V to 10V, RL = 2k
120
135
dB
SR
Slew Rate (LT1366/LT1367)
AV = –1, RL = Open, VO = ±10V,
0.13
V/
µs
Measured at VO = ± 5V
Slew Rate (LT1368/LT1369)
AV = –1, RL = Open, VO = ±10V,
0.065
V/
µs
Measured at VO = ±5V
CMRR
Common Mode Rejection Ratio (LT1366/LT1368)
VCM = VEE to VCC
95
106
dB
CMRR Match (Channel to Channel)
VCM = VEE to VCC (Note 3)
89
106
dB
Common Mode Rejection Ratio (LT1367/LT1369)
VCM = VEE to VCC
93
106
dB
CMRR Match (Channel to Channel)
VCM = VEE to VCC (Note 3)
87
106
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
90
110
dB
PSRR Match (Channel to Channel)
VS = ±5V to ±15V (Note 3)
84
105
dB
VOL
Output Voltage Swing LOW
No Load
VEE + 0.006 VEE + 0.012
V
ISINK = 0.5mA
VEE + 0.040 VEE + 0.070
V
ISINK = 10mA
VEE + 0.240 VEE + 0.500
V
VOH
Output Voltage Swing HIGH
No Load
VCC – 0.012 VCC – 0.004
V
ISOURCE = 0.5mA
VCC – 0.100 VCC – 0.050
V
ISOURCE = 10mA
VCC – 0.800 VCC – 0.400
V
ISC
Short-Circuit Current
(Note 1)
±30
±75
mA
IS
Supply Current per Amplifier
370
550
µA
TA = 25°C, VS = ± 15V, VCM = 0V, VO = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com