Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1367CS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1367CS
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1367CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1367CS Datasheet HTML 11Page - Linear Technology LT1367CS Datasheet HTML 12Page - Linear Technology LT1367CS Datasheet HTML 13Page - Linear Technology LT1367CS Datasheet HTML 14Page - Linear Technology LT1367CS Datasheet HTML 15Page - Linear Technology LT1367CS Datasheet HTML 16Page - Linear Technology LT1367CS Datasheet HTML 17Page - Linear Technology LT1367CS Datasheet HTML 18Page - Linear Technology LT1367CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1366/LT1367
LT1368/LT1369
TYPICAL APPLICATIONS
High-Side Current Source
The wide-compliance current source shown in Figure 7
takes advantage of the LT1366’s ability to measure small
signals near the positive supply rail. The LT1366 adjusts
Q1’s gate voltage to force the voltage across the sense
resistor (RSENSE) to equal the voltage from the supply to
the potentiometer’s wiper. A rail-to-rail op amp is needed
because the voltage across the sense resistor must drop
to zero when the divided reference voltage is set to zero.
Q2 acts as a constant current sink to minimize error in the
reference voltage when the supply voltage varies.
The circuit can operate over a wide supply range
(5V < VCC < 30V). At low input voltage, circuit operation is
limited by the MOSFET’s gate drive requirements. At high
–
+
1/2 LT1366
1k
RSENSE
0.2
Ω
40k
Q1
MTP23P06
ILOAD
5V < VCC < 30V
0A < ILOAD < 1A AT VCC = 5V
0mA < ILOAD < 160mA AT VCC = 30V
Q2
2N4340
VCC
100
Ω
0.0033
µF
LT1004-1.2
RP
10k
LT1366 F07
Figure 7. High-Side Current Source
Figure 8. 4-Pole 1kHz, 3.3V Single Supply, State Variable Filter Using the LT1367
input voltage, circuit operation is limited by the LT1366’s
absolute maximum ratings and the output power require-
ments.
The circuit delivers 1A at 200mV of sense voltage. With a
5V input supply, the power dissipation is 5W. For opera-
tion at 70
°C ambient temperature, the MOSFET’s heat sink
must have a thermal resistance of:
θHS = θJA SYSTEM – θJC FET
= (125
°C – 70°C)/5W – 1.25°C/W
= 11
°C/W –1.25°C/W
= 9.75
°C/W
which is easily achievable with a small heat sink. Input
voltages greater than 5V require the use of a larger heat
sink or a reduction of the output current.
The circuit’s supply regulation is about 0.03%/V. The
output impedance is equal to the MOSFET’s output imped-
ance multiplied by the op amp’s open-loop gain. Degrada-
tions in current-source compliance occur when the volt-
age across the MOSFET’s on-resistance and the sense
resistor drops below the voltage required to maintain the
desired output current. This condition occurs when
[VCC – VOUT] < [ILOAD • (RSENSE + RON)].
Single Supply, 1kHz, 4th Order Butterworth Filter
An LT1367 is used in Figure 8 to form a 4th order
Butterworth filter. The filter is a simplified state variable
architecture consisting of two cascaded 2nd order sec-
tions. Each section uses the 360 degree phase shift around
10,000pF
10,000pF
C2
10,000pF
C1
10,000pF
R1*
29.5k
R2*
8.6k
29.5k*
11.8k*
21.5k*
11.8k*
1
µF
10k
10k
VOUT
VIN
3.3V
–
+
–
+
–
+
–
+
A1
1/4 LT1367
A2
1/4 LT1367
A3
1/4 LT1367
A4
1/4 LT1367
LT1366 F08
*1% RESISTORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com