Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1389 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1389
Description  Nanopower Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1389 Datasheet HTML 4Page - Linear Technology LT1389 Datasheet HTML 5Page - Linear Technology LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology LT1389 Datasheet HTML 10Page - Linear Technology LT1389 Datasheet HTML 11Page - Linear Technology LT1389 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1389
The reverse characteristics of the LT1389 resembles a
simple resistor Zener diode parallel connection. This well
behaved characteristic is important to the proper opera-
tion of circuits like Figure 1. The adjustable output voltage
reference depends upon positive feedback from the
LT1495’s output to start-up and regulate the bias current
for the LT1389. The LT1389 has no negative resistance
regions that can interfere with the proper start-up of the
buffered reference.
Board leakage is a concern for a nanopower precision
shunt voltage reference. The LT1389 requires attention to
detail in board layout in order to maximize its perfor-
mance. 1.5G
Ω of leakage between a DNC pin and a 5V
supply will conduct 2.5nA which induces a 0.2% error in
VOUT. Board leakage can be minimized by encircling the
DNC pins with a guard ring operated at a potential of VOUT.
By tying the guard ring to VOUT as shown in Figure 2,
leakage paths are eliminated.
–
+
LT1495
LT1389-1.25
VIN ≥ 10.5V
R1
249k TO 8.66M
R2
1.24M
1389 F01
VOUT
1.5V TO 10V
RB =
VOUT – 1.25V
0.8
µA
Figure 1. Adjustable Output Voltage Reference
1
2
3
4
8
7
6
5
DNC
DNC
DNC
GND
DNC
DNC
VOUT
GND
BOARD METAL TRACE
LT1389
1389 F02
Figure 2. Guard Ring to Reduce Board Leakage
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com