Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1389 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1389
Description  Nanopower Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1389 Datasheet HTML 3Page - Linear Technology LT1389 Datasheet HTML 4Page - Linear Technology LT1389 Datasheet HTML 5Page - Linear Technology LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology LT1389 Datasheet HTML 10Page - Linear Technology LT1389 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1389
Reverse Characteristics
Reverse Voltage Change
vs Current
Dynamic Impedance vs Frequency
Forward Characteristics
Reverse Dynamic Impedance
200ms/DIV
IR = 1.5µA
COUT = 0.1µF
Response Time
2ms/DIV
1389-4 G08
Response Time
Temperature Drift
4V
IR = 1.5µA
COUT = 0µF
4V
0V
10V
0V
1389-4 G09
10V
0V
0V
4.096V TYPICAL PERFOR A CE CHARACTERISTICS
REVERSE VOLTAGE (V)
0
0
200
600
800
1000
1.0
2.0 2.5
4.5
1389-4 G01
400
0.5
1.5
3.0 3.5 4.0
TA = –40°C TO 85°C
TEMPERATURE (
°C)
–40
6
20
1389-4 G02
0
–4
–20
0
40
–6
–8
8
4
2
–2
60
80
IR = 250µA
IR = 1.5µA
FORWARD CURRENT (mA)
0.001
0.4
0.5
0.6
0.7
0.8
0.01
0.1
1
10
100
1389-4 G06
0.3
0.2
0.1
0
0.9
1.0
TA = 25°C
REVERSE CURRENT (mA)
0.8
1.6
2.0
0.001
0.1
10
1
1389-4 G03
0
1.2
0.4
0.01
25
°C
85
°C
–40
°C
REVERSE CURRENT (mA)
0.001
0.1
10
1000
0.1
0.01
10
1
1389-4 G04
1
100
TA = 25°C
f = 25Hz
FREQUENCY (kHz)
0.1
1
10
100
0.1
1
10
1389-4 G05
0.01
0.01
IR = 1.5µA
COUT = 0µF
IR = 10µA
COUT = 0.68µF
IR = 10µA
COUT = 0µF
TA = 25°C
IR = 1.5µA
COUT = 0.047µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com