Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1389 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1389
Description  Nanopower Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1389 Datasheet HTML 2Page - Linear Technology LT1389 Datasheet HTML 3Page - Linear Technology LT1389 Datasheet HTML 4Page - Linear Technology LT1389 Datasheet HTML 5Page - Linear Technology LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology LT1389 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1389
Reverse Characteristics
Reverse Voltage Change
vs Current
Dynamic Impedance vs Frequency
Forward Characteristics
Reverse Dynamic Impedance
0.1Hz to 10Hz Noise
200ms/DIV
IR = 0.9µA
COUT = 0.1µF
Response Time
0V
1ms/DIV
1389-2.5 G08
Response Time
Temperature Drift
3V
IR = 0.9µA
COUT = 0µF
3V
2V
1V
0V
5V
0V
1389-2.5 G09
2.5V TYPICAL PERFOR A CE CHARACTERISTICS
REVERSE VOLTAGE (V)
0
400
600
1.6
2.0
2.4
2.8
1389-2.5 G01
200
0
0.4
0.8
1.2
1000
800
TA = –40°C TO 85°C
TEMPERATURE (
°C)
–40
3.0
0
1389-2.5 TA02
0
– 2.0
–20
20
– 3.0
– 4.0
4.0
2.0
1.0
–1.0
40
60
80
IR = 0.9µA
IR = 250µA
REVERSE CURRENT (mA)
0.4
0.8
1.2
0.001
0.1
1
10
1389-2.5 G03
0
1.6
2.0
0.01
–40
°C
25
°C
85
°C
REVERSE CURRENT (mA)
0.001
0.1
10
1000
0.1
0.01
10
1
1389-2.5 G04
1
100
TA = 25°C
f = 25Hz
FREQUENCY (kHz)
0.1
1
10
100
0.1
1
10
1389-2.5 G05
0.01
0.01
IR = 0.9µA
COUT = 0.033µF
IR = 0.9µA
COUT = 0µF
IR = 10µA
COUT = 0µF
TA = 25°C
IR = 10µA
COUT = 0.22µF
FORWARD CURRENT (mA)
0.001
0.4
0.5
0.6
0.7
0.8
0.01
0.1
1
10
100
1389-2.5 G06
0.3
0.2
0.1
0
0.9
1.0
TA = 25°C
TIME (SEC)
0
20
60
100
40
1389-2.5 G07
–20
–60
0
40
80
–40
–80
–100
10
20
30
50
70
60
IR = 0.9µA
5V
0V
1V
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com