Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1465CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1465CS
Description  Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1465CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1465CS Datasheet HTML 4Page - Linear Technology LT1465CS Datasheet HTML 5Page - Linear Technology LT1465CS Datasheet HTML 6Page - Linear Technology LT1465CS Datasheet HTML 7Page - Linear Technology LT1465CS Datasheet HTML 8Page - Linear Technology LT1465CS Datasheet HTML 9Page - Linear Technology LT1465CS Datasheet HTML 10Page - Linear Technology LT1465CS Datasheet HTML 11Page - Linear Technology LT1465CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1464/LT1465
TYPICAL APPLICATIONS
Low Voltage 0.016% Voltage to Frequency Converter
–
+
–5V
R3
1k
17
87
14
13
416
11
12
5V
LT1009
VREF = –2.5V
C4
1
µF
1/2 LTC
®1043
fOUT: 0kHz to 30kHz
CIN
0.01
µF
5V
–5V
6
5
8
7
4
C1
0.1
µF
1/2 LT1464
C2
30pF
R1
20k
R3
330k
–5V
C3
1
µF
Q1
2N2907A
6.19k
GAIN
2.5k
VIN
0V TO 5V
LT1464 • TA03
RIN
fOUT =
1
(RIN)(CIN)
VIN
VREF
(
(
)
)
10Hz 4th Order Chebyshev Lowpass Filter (0.01dB Ripple)
LT1464 • TA05
VOUT
TYPICAL OFFSET
≈ 0.6mV
1% TOLERANCES
FOR VIN = 10VP-P,V OUT = –110dB AT f > 300Hz
V OUT = –6dB AT f = 16Hz
THE LOW INPUT BIAS CURRENTS ALLOW THE USE OF HIGH RESISTOR VALUES
R3
249k
C2
100nF
C1
33nF
R1
237k
VIN
R2
237k
R6
249k
C4
330nF
12
13
1/4 LT1465
14
C3
10nF
R4
154k
R5
154k
4
1
15V
–15V
11
3
2
1/4 LT1465



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com