Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1465CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1465CS
Description  Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1465CS Datasheet(HTML) 1 Page - Linear Technology

  LT1465CS Datasheet HTML 1Page - Linear Technology LT1465CS Datasheet HTML 2Page - Linear Technology LT1465CS Datasheet HTML 3Page - Linear Technology LT1465CS Datasheet HTML 4Page - Linear Technology LT1465CS Datasheet HTML 5Page - Linear Technology LT1465CS Datasheet HTML 6Page - Linear Technology LT1465CS Datasheet HTML 7Page - Linear Technology LT1465CS Datasheet HTML 8Page - Linear Technology LT1465CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1464/LT1465
Dual/Quad Micropower,
1MHz C-Load Picoampere
Bias Current JFET Input Op Amps
–
+
13
4
15
14
2
3
5
V+
V–
1/4 LTC201
1/4 LTC201
16
5
6
1
A
IN
B
7
R1*
1/2 LT1464
+
–
2
3
1
1/2 LT1464
1
2
1
2
5
4
5
4
6
6
8
4
V+
V–
C1
10nF
POLYSTYRENE
VOUT
TYPICAL DROOP =
= 0.05mV/s
TOTAL SUPPLY CURRENT = 460
µA MAX
* R1 = 600
Ω FOR ±15V SUPPLIES
R1 = 0
Ω FOR ±5V SUPPLIES
0.5pA
10nF
LT1464 • TA01
FUNCTION
MODE
IN A IN B
MODE IN A IN B
Track-and-Hold
Track
0
0
Hold
1
1
Positive Peak Detector Reset
0
0
Store
0
1
Negative Peak Detector Reset
0
0
Store
1
0
LTC201 switch is open for logic "1".
MCT2
MCT2
Small-Signal Response, CLOAD = 10nF
AV = 1
VS = ±5V, ±15V
CL = 10nF
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
C-Load is a trademark of Linear Technology Corporation.
1464 • TA02
Micropower Low Droop Track-and-Hold/Peak Detector
s
Battery-Powered Systems
s
Photocurrent Amplifiers
s
Low Frequency, Micropower Active Filters
s
Low Droop Track-and-Hold Circuits
APPLICATIONS
s
Input Bias Current:
2pA Max (LT1464A)
20pA Max (LT1464, LT1465)
s
Supply Current per Amplifier: 200
µA Max
s
Gain Bandwidth Product: 1MHz Typ
s
Slew Rate: 0.9V/
µs Typ
s
Input Common Mode Range Includes Positive Rail
s
Unity-Gain Stable for C-Load
TM Up to 10nF
s
Open-Loop Gain: 1 Million Typ
s
Guaranteed Specs with
±5V, ±15V Supplies
s
Guaranteed Matching Specifications
s
Standard Pinout: SO-8, SO-14 Package
The LT
®1464 (dual) and LT1465 (quad) are the first
micropower op amps (200
µA max per amp) to offer
picoampere input bias currents (500fA typ) and unity-gain
stability for capacitive loads up to 10nF. The output can
swing a 10k load to within 1.5V of either supply, just like
op amps that require an order of magnitude more supply
current. This unique combination of performance makes
the LT1464/LT1465 ideal over a wide range of input and
output impedances.
In the design and testing of the LT1464/LT1465, particular
emphasis has been placed on optimizing performance in
the low cost SO-8 (dual) and 14-lead SO (quad) package for
±15V and ±5V supplies. The input common mode range
includes the positive rail. Slew rate (0.5V/
µs min) and gain
bandwidth product (650kHz min) are 100% tested. A full
set of matching specifications is also provided.
FEATURES
DESCRIPTION


Similar Part No. - LT1465CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1465 LINER-LT1465 Datasheet
283Kb / 12P
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
logo
Sharp Corporation
LT1465ED SHARP-LT1465ED Datasheet
248Kb / 2P
Dot Matrix LED Unit for Outdoor Use (Lamp Type)
LT1465M SHARP-LT1465M Datasheet
248Kb / 2P
Dot Matrix LED Unit for Indoor Use(Lamp Type)
logo
Linear Technology
LT1465 LINER-LT1465_15 Datasheet
283Kb / 12P
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
More results

Similar Description - LT1465CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1462 LINER-LT1462 Datasheet
309Kb / 12P
Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Analog Devices
AD704 AD-AD704_15 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
logo
Linear Technology
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1462 LINER-LT1462_15 Datasheet
286Kb / 12P
Dual/Quad Micropower, 260mW C-Load Picoampere Bias Current JFET Input Op Amps
LT1463 LINER-LT1463_15 Datasheet
286Kb / 12P
Dual/Quad Micropower, 260W C-Load Picoampere Bias Current JFET Input Op Amps
LT1464 LINER-LT1464_15 Datasheet
283Kb / 12P
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1465 LINER-LT1465_15 Datasheet
283Kb / 12P
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com