Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1465CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1465CS
Description  Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1465CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1465CS Datasheet HTML 3Page - Linear Technology LT1465CS Datasheet HTML 4Page - Linear Technology LT1465CS Datasheet HTML 5Page - Linear Technology LT1465CS Datasheet HTML 6Page - Linear Technology LT1465CS Datasheet HTML 7Page - Linear Technology LT1465CS Datasheet HTML 8Page - Linear Technology LT1465CS Datasheet HTML 9Page - Linear Technology LT1465CS Datasheet HTML 10Page - Linear Technology LT1465CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1464/LT1465
APPLICATIONS INFORMATION
Phase Reversal Protection
Most industry standard JFET input single, dual and quad
op amps exhibit phase reversal at the output when the
negative common mode limit at the input is exceeded.
Common mode range is at a premium at
±5Vsupplies.The
Figures show a
±5.2V sine wave input (Figure 1a), the
response of a competing JFET input op amp in the unity-
gain follower mode (Figure 1b) and the response of the
LT1464/LT1465 (Figure 1c).
The phase reversal of Figure 1b can cause lock-up in servo
systems. The LT1464/LT1465 does not phase-reverse
when the common mode input is anywhere within the
supplies.
(1a)
±5.2V Sine Wave
LT1464 • F01a
LT1464 • F01b
LT1464 • F01c
Figure 1. Voltage Follower with Input Exceeding the Common Mode Range (VS = ±5V)
(1b) Typical JFET Input Op Amp
with
±5V Supplies
(1c) LT1464/LT1465 Output
with
±5V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com