Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1493CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1493CS
Description  5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1493CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1493CS Datasheet HTML 4Page - Linear Technology LT1493CS Datasheet HTML 5Page - Linear Technology LT1493CS Datasheet HTML 6Page - Linear Technology LT1493CS Datasheet HTML 7Page - Linear Technology LT1493CS Datasheet HTML 8Page - Linear Technology LT1493CS Datasheet HTML 9Page - Linear Technology LT1493CS Datasheet HTML 10Page - Linear Technology LT1493CS Datasheet HTML 11Page - Linear Technology LT1493CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1492/LT1493
Undistorted Output Swing
vs Frequency, VS = ±15V
Open-Loop Voltage Gain
vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
3000
4000
5000
32
1492/93 G12
2000
1000
0
8
16
24
436
12
20
28
40
RL = 2k
TA = 125°C
TA = 25°C
TA = –55°C
Total Harmonic Distortion
and Noise vs Frequency
FREQUENCY (Hz)
10
0.0001
0.01
1
1k
10k
100
100k
1492/93 G11
0.001
0.1
VS = 5V, 0V
VOUT = 3VP-P
RL = 2k
AV = 10
AV = 1
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain, VS = 5V
RL = 2k
RL = 5k
Voltage Gain vs Load Resistance
LOAD RESISTANCE (k
Ω)
100
1000
10000
100000
04
6
8
10
2
10
1492/93 G15
TA = 25°C
VS = ±15V
VS = 5V, 0V
Open-Loop Gain, VS = ±15V
Channel Separation vs Frequency
RL = 5k
RL = 2k
FREQUENCY (Hz)
80
100
120
130
1k
100k
1M
10M
1492/93 G18
60
10k
110
90
70
VS = ±15V
Positive Output Saturation
Voltage vs Load Current
LOAD CURRENT (mA)
– 0.001
1.5
2.0
2.5
–10
1492/93 G14
1.0
0.5
0
– 0.01
– 0.1
–1
– 100
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
Negative Output Saturation
Voltage vs Load Current
01
2
3
45
OUTPUT (V)
1492/93 G13
–10
OUTPUT (V)
1492/93 G16
10
0
LOAD CURRENT (mA)
0.001
0.01
10
100
1000
0.1
1
10
100
1492/93 G17
1
VS = 5V, 0V
TA = 125°C
TA = 25°C, –55°C
FREQUENCY (Hz)
1k
0
5
10
15
20
30
10k
100k
1492/93 G10
25
VS = ±15V
RL = 100k
DISTORTION
≤ 1%
AV = –1
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com