Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1493CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1493CS
Description  5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1493CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1493CS Datasheet HTML 6Page - Linear Technology LT1493CS Datasheet HTML 7Page - Linear Technology LT1493CS Datasheet HTML 8Page - Linear Technology LT1493CS Datasheet HTML 9Page - Linear Technology LT1493CS Datasheet HTML 10Page - Linear Technology LT1493CS Datasheet HTML 11Page - Linear Technology LT1493CS Datasheet HTML 12Page - Linear Technology LT1493CS Datasheet HTML 13Page - Linear Technology LT1493CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1492/LT1493
TYPICAL PERFORMANCE CHARACTERISTICS
Warm-Up Drift vs Time
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
25
1492/93 G28
0.45
0.35
–25
0
50
0.25
0.65
0.55
75
100
125
VS = ±15V
VS = 5V, 0V
TIME (SEC)
0
2
6
10
80
1492/93 G30
–2
–6
0
4
8
–4
–8
–10
20
40
60
10
90
30
50
70
100
N8 PACKAGE
RL =
∞
VS = ±2.5V
VS = ±15V
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0.6
0.8
1.0
1492/93 G29
0.4
0.2
0
2
4
1
3
5
TA = 125°C
TA = 25°C
TA = –55°C
Input Bias Current
vs Common Mode Voltage
Input Bias Current vs Temperature
Common Mode Range
vs Temperature
TEMPERATURE (
°C)
–50
50
55
+IB
–IB
65
25
75
1492/93 G31
45
40
–25
0
50
100
125
35
30
60
VS = 5V, 0V
IOS
COMMON MODE VOLTAGE (V)
–1
–100
–60
–20
20
3
1492/93 G32
–140
–180
–120
–80
–40
0
–160
– 200
– 220
0
1
2
4
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
TEMPERATURE (
°C)
–50
V+ – 2
V – + 2
V – – 1
V –
0
V +
1492/93 G33
– 25
25
50
75
100
125
V+ – 1
Input Referred Power Supply
Rejection Ratio vs Frequency
Input Noise Current, Noise Voltage
Density vs Frequency
FREQUENCY (Hz)
10
8
10
12
14
16
100
1k
10k
1492/93 G34
6
4
2
0
18
20
0.8
1.0
1.2
1.4
1.6
0.6
0.4
0.2
0
1.8
2.0
VS = ±15V
TA = 25°C
VOLTAGE NOISE
CURRENT NOISE
FREQUENCY (Hz)
10k
40
60
80
100k
1M
10M
1492/93 G35
20
0
100
VS = ±2.5V
FREQUENCY (Hz)
40
60
80
100
120
1k
100k
1M
10M
1492/93 G26
20
10k
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±15V
AV = 100
Common Mode Rejection Ratio
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com