Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1493CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1493CS
Description  5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1493CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1493CS Datasheet HTML 2Page - Linear Technology LT1493CS Datasheet HTML 3Page - Linear Technology LT1493CS Datasheet HTML 4Page - Linear Technology LT1493CS Datasheet HTML 5Page - Linear Technology LT1493CS Datasheet HTML 6Page - Linear Technology LT1493CS Datasheet HTML 7Page - Linear Technology LT1493CS Datasheet HTML 8Page - Linear Technology LT1493CS Datasheet HTML 9Page - Linear Technology LT1493CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1492/LT1493
VS = 3.3V, 0V; VCM = 0.5V, VOUT = 0.5V, TA = 25°C, unless otherwise noted. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
100
180
µV
Input Voltage Range (Note 7)
1.7
1.9
V
0
– 0.2
V
Maximum Output Voltage Swing
Output High, No Load
2.50
2.65
V
Output High, ISOURCE = 1mA
2.40
2.55
V
Output High, ISOURCE = 15mA
1.30
1.45
V
Output Low, No Load
0.003
0.006
V
Output Low, ISINK = 1mA
0.062
0.075
V
Output Low, ISINK = 15mA
0.362
0.500
V
IO
Maximum Output Current
±20
±50
mA
3.3V ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
120
280
µV
Input Voltage Range (Note 7)
q
1.7
1.8
V
q
0
– 0.1
V
Maximum Output Voltage Swing
Output High, No Load
q
2.4
2.55
V
Output High, ISOURCE = 1mA
q
2.3
2.45
V
Output High, ISOURCE = 15mA
q
1.2
1.35
V
Output Low, No Load
q
0.004
0.007
V
Output Low, ISINK = 1mA
q
0.070
0.085
V
Output Low, ISINK = 15mA
q
0.390
0.525
V
VS = 3.3V, 0V; VCM = 0.5V, VOUT = 0.5V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. (Note 6)
VS = 3.3V, 0V; VCM = 0.5V, VOUT = 0.5V, –40°C ≤ TA ≤ 85°C, unless otherwise noted. (Notes 2, 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
150
325
µV
Input Voltage Range (Note 7)
q
1.7
1.75
V
q
0
– 0.05
V
Maximum Output Voltage Swing
Output High, No Load
q
2.25
2.45
V
Output High, ISOURCE = 1mA
q
2.15
2.35
V
Output High, ISOURCE = 15mA
q
1.05
1.25
V
Output Low, No Load
q
0.005
0.008
V
Output Low, ISINK = 1mA
q
0.073
0.095
V
Output Low, ISINK = 15mA
q
0.400
0.575
V
The q denotes specifications that apply over the full operating
temperature range.
Note 1: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 2: The LT1492/LT1493 are designed, characterized and expected to
meet these extended temperature limits, but are not tested at – 40
°C and
85
°C. Guaranteed I grade parts are available. Consult factory.
Note 3: This parameter is not 100% tested.
Note 4: Guaranteed by correlation to VS = 3.3V and VS = ±15V tests.
Note 5: Slew rate is measured between
±5V on an output swing of ±10V
on
±15V supplies.
Note 6: Most LT1492/LT1493 electrical characteristics change very little
with supply voltage. See the 5V tables for characteristics not listed in the
3.3V table.
Note 7: Guaranteed by correlation to VS = 5V and VS = ±15V tests.
Note 8: Guaranteed by correlation to VS = 3.3V tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com