Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1496CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1496CS
Description  1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496CS Datasheet(HTML) 1 Page - Linear Technology

  LT1496CS Datasheet HTML 1Page - Linear Technology LT1496CS Datasheet HTML 2Page - Linear Technology LT1496CS Datasheet HTML 3Page - Linear Technology LT1496CS Datasheet HTML 4Page - Linear Technology LT1496CS Datasheet HTML 5Page - Linear Technology LT1496CS Datasheet HTML 6Page - Linear Technology LT1496CS Datasheet HTML 7Page - Linear Technology LT1496CS Datasheet HTML 8Page - Linear Technology LT1496CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1495/LT1496
1.5
µA Max, Dual and Quad
Precision Rail-to-Rail
Input and Output Op Amps
s
Low Supply Current: 1.5
µA Max
s
Rail-to-Rail Input and Output
s
Low Offset Voltage: 375
µV Max
s
Wide Supply Range: 2.2V to 36V
s
Single Supply Input Range: – 0.3V to 36V
s
Low Input Bias Current: 250pA
s
Low Input Offset Current: 20pA
s
High AVOL: 100V/mV Minimum Driving 100kΩ Load
s
Output Sources and Sinks 500
µA Load Current
s
Reverse Battery Protected to 18V
FEATURES
DESCRIPTION
The LT
®1495/LT1496 are the lowest power (IS≤ 1.5µA) op
amps with precision specifications. The extremely low
supply current is combined with excellent amplifier speci-
fications: input offset voltage is 375
µV maximum with a
typical drift of only 0.4
µV/°C, input offset current is 100pA
maximum. A minimum open-loop gain (AVOL) of 100V/mV
ensures that gain errors are small. The device character-
istics change little over the supply range of 2.2V to
±15V.
Supply rejection is 90dB and the common mode rejection
ratio is 90dB. Operation is specified for 3V, 5V and
±15V
supplies. Reverse battery protection (–18V min) and
inputs that operate above the positive supply make the
LT1495/LT1496 easy to use in harsh environments.
The low bias currents and offset current of the amplifier
permit the use of megohm level source resistors without
introducing significant errors. Voltage noise at 4
µVP-P is
remarkably low considering the low supply current.
The LT1495 is available in plastic 8-pin PDIP and SO-8
packages with the standard dual op amp pinout. The
LT1496 is available in 14-pin SO and PDIP packages.
APPLICATIONS
s
Battery- or Solar-Powered Systems
s
Portable Instrumentation
s
Remote Sensor Amplifier
s
Micropower Filter
Micropower Integrating Current Sense
+
–
1/2 LT1495
0.1
µF
RESET
RI
1M
1M
RS
0.1
Ω
LOAD
+
–
1/2 LT1495
IL
VCC
10M
10M
VCC
VO
OUTPUT SWITCHES
WHEN ILdt = 0.98 VCC
IS = 3µA DURING INTEGRATION; IS = 5µA END OF INTEGRATION
C = (4.9A)(SEC) FOR VCC = 5V
RI
RS
()
1495 TA01
200k
TC VOS Distribution
TC VOS (µV/°C)
30
25
20
15
10
5
0
–1.2
–0.4
0.4
1.2
1495 TA02
2.0
–1.6
– 2.0
–0.8
0
0.8
1.6
100 AMPLIFIERS
VS = ±2.5V
–40
°C TO 85°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION


Similar Part No. - LT1496CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1496CS LINER-LT1496CS Datasheet
262Kb / 16P
1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1496CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494 Datasheet
262Kb / 16P
1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1366CS8-TR LINEAR-LT1366CS8-TR Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com