Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1496CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1496CS
Description  1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1496CS Datasheet HTML 4Page - Linear Technology LT1496CS Datasheet HTML 5Page - Linear Technology LT1496CS Datasheet HTML 6Page - Linear Technology LT1496CS Datasheet HTML 7Page - Linear Technology LT1496CS Datasheet HTML 8Page - Linear Technology LT1496CS Datasheet HTML 9Page - Linear Technology LT1496CS Datasheet HTML 10Page - Linear Technology LT1496CS Datasheet HTML 11Page - Linear Technology LT1496CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1495/LT1496
TYPICAL APPLICATIONS N
13
µA, 0kHz to 10kHz Voltage to Frequency Converter
1/2
LT1495
1/2
LT1495
5V
5V
1.2
REFERENCE
LTC1440
0V – 2.5V = 0kHz – 10kHz
SUPPLY CURRENT = 6.2
µA QUIESCENT
= 13.3
µA AT f = 10kHz
LINEARITY:
±0.03%
PSRR (4.4V TO 36V): 10ppm/V
TEMPERATURE DRIFT: 250ppm/
°C
1
µF
0.0082
µF
1N5712
1N4148
Q1: ZTX-849
*1% METAL FILM
†POLYSTYRENE
360k
100k
562k*
VIN
0V TO 2.5V
3.9M
270k
10M*
390
Ω
12pF
OUTPUT
0kHz TO 10kHz
3.6M TYP
SELECT FOR 100Hz
AT VIN = 0.025V
3.9M*
20M
+
–
+
LTC
®1440
100pF†
0.05
µF
39k
10M
1495 TA07
Q1
15k
6
µA, AV = 1000, Chopper Stabilized Amplifier
–
+
1/2
LT1495
–
+
1/2
LT1495
10M
1
µF
5V
–5V
5V
–5V
φ2
φ1
φ2
φ1
10k
10M
GAIN: 1000
OFFSET: 1
µV
DRIFT: 50nV/
°C
SUPPLY CURRENT: 5.5
µA
BANDWIDTH: 0.2Hz
CLOCK RATE: 4Hz
OUTPUT
10k
1M
1495 TA08
1M
1
µF
INPUT
φ1
φ2
0.2
µF
1/2
LTC1441
1/2
LTC1441
10M
10M
10M
0.047
µF
CD4016 QUAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com