Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1496CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1496CS
Description  1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1496CS Datasheet HTML 4Page - Linear Technology LT1496CS Datasheet HTML 5Page - Linear Technology LT1496CS Datasheet HTML 6Page - Linear Technology LT1496CS Datasheet HTML 7Page - Linear Technology LT1496CS Datasheet HTML 8Page - Linear Technology LT1496CS Datasheet HTML 9Page - Linear Technology LT1496CS Datasheet HTML 10Page - Linear Technology LT1496CS Datasheet HTML 11Page - Linear Technology LT1496CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1495/LT1496
© LINEAR TECHNOLOGY CORPORATION 1997
14956f LT/TP 0697 5K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
Battery Current Monitor
0nA to 200nA Current Meter
TYPICAL APPLICATIONS N
PART NUMBER
DESCRIPTION
COMMENTS
LTC1440/41/42
Micropower Single/Dual Comparators with 1% Reference
LTC1440: Single, LTC1441/42: Dual
LTC1443/44/45
Micropower Quad Comparators with 1% Reference
LTC1443: 1.182 Reference
LTC1444/45: 1.221V Reference and Adjustable Hysteresis
LT1466/LT1467
75
µA Dual/Quad Rail-to-Rail Input and Output Op Amps
390
µV VOS(MAX), Gain Bandwidth = 120kHz
LT1490/LT1491
50
µA Dual/Quad Rail-to-Rail Input and Output Op Amps
950
µV VOS(MAX), Gain Bandwidth = 200kHz
LTC1540
Nanopower Single Comparator with 1% Reference
350nA Supply Current
LT2078/LT2079
55
µA Dual/Quad Single Supply Op Amps
120
µV VOS(MAX), Gain Bandwidth = 200kHz
LT2178/LT2179
17
µA Dual/Quad Single Supply Op Amps
120
µV VOS(MAX), Gain Bandwidth = 60kHz
RELATED PARTS
–
+
1495 TA05
RSENSE
0.1
Ω
IL
CHARGE
RA
2N3904
VO = IL
RSENSE
FOR RA = 1k, RB = 10k
= 1V/A
CHARGE
OUT
DISCHARGE
OUT
DISCHARGE
2N3904
RA
RA
RA
RB
RB
RA
VO
IL
RB
A1
1/2 LT1495
5V
12V
A2
1/2 LT1495
()
–
+
–
+
µA
1495 TA06
1/2
LT1495
1/2
LT1495
100pF
R1
10M
R2
9k
1.5V
1.5V
R3
2k
FULL-SCALE
ADJUST
IS = 3µA WHEN IIN = 0
NO ON/OFF SWITCH
REQUIRED
0
µA TO
200
µA
R4
10k
INPUT
CURRENT
6th Order 10Hz Elliptic Lowpass Filter
Filter Frequency Response
FREQUENCY (Hz)
1
0
–10
–20
–30
–40
–50
–60
1000
LT1495/96 • TA04
10
100
–
+
1/2 LT1495
–
+
1/2 LT1495
200k
100k
10k
10nF
100k
100nF
215k
215k
215k
15nF
15nF
30nF
ein
1/2 LT1495
200k
80.6k
10nF
100k
100nF
169k
169k
169k
15nF
15nF
30nF
1495 TA03
VS = 5V, 0V
IS = 2µA + ein/150k
ZEROS AT 50Hz AND 60Hz
OUTPUT
100nF
10k
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com