Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1507CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1507CS8
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1507CS8 Datasheet HTML 9Page - Linear Technology LT1507CS8 Datasheet HTML 10Page - Linear Technology LT1507CS8 Datasheet HTML 11Page - Linear Technology LT1507CS8 Datasheet HTML 12Page - Linear Technology LT1507CS8 Datasheet HTML 13Page - Linear Technology LT1507CS8 Datasheet HTML 14Page - Linear Technology LT1507CS8 Datasheet HTML 15Page - Linear Technology LT1507CS8 Datasheet HTML 16Page - Linear Technology LT1507CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1507
APPLICATIONS INFORMATION
This is safe for short periods of time, but it would be
prudent to check with the diode manufacturer if continu-
ous operation under these conditions must be tolerated.
BOOST PIN CONSIDERATIONS
For most applications, the boost components are a 0.22
µF
capacitor and an MBR0520 or BAT85 Schottky diode. This
capacitor value is twice that suggested for the LT1376
because the lower voltages commonly found in LT1507
applications may require lower ripple voltage across the
capacitor to ensure adequate boost voltage under worst-
case conditions. Efficiency is not affected by the capacitor
value, but the capacitor should have an ESR of less than
2
Ω toensurethatitcanberechargedfullyundertheworst-
case condition of minimum input voltage. Almost any type
of film or ceramic capacitor will work fine.
Figure 3. Suggested Layout
The anode of the diode can be connected to the regulated
output voltage or the unregulated input voltage. The
“boost voltage” generated across the boost capacitor is
then nearly identical to the anode voltage. The input
connection minimizes start-up problems and gives plenty
of boost voltage, but efficiency is slightly lower, especially
with input voltages above 10V. For 5V to 3.3V operation,
or any output voltage less than 3.3V, the diode should be
connected to the input. With input voltage more than 3V
above the output and an output voltage of at least 3.3V the
output connection will give better efficiency. Use the
BAT85 Schottky diode for 3.3V applications where the
anode is connected to the output.
LAYOUT CONSIDERATIONS
Suggested layout for the LT1507 is shown in Figure 3. The
main concern for layout is to minimize the length of the
INPUT
C2
C3
D2
CC
RC
R1
SYNC
C1
LT1507 • F03
D1
L1
R2
BOOST
IN
SW
SHDN
VC
FB
GND
SYNC
OUTPUT
MINIMIZE AREA OF
CONNECTIONS TO THE
SWITCH NODE AND
BOOST NODE, BUT OBSERVE
CURRENT DENSITY LIMITATIONS
IN PATH TO L1
KEEP INPUT CAPACITOR
AND CATCH DIODE CLOSE
TO REGULATOR AND
TERMINATE THEM
TO SAME POINT
CONNECT OUTPUT CAPACITOR
DIRECTLY TO HEAVY GROUND
TAKE OUTPUT DIRECTLY FROM END OF OUTPUT
CAPACITOR TO AVOID PARASITIC RESISTANCE
AND INDUCTANCE (KELVIN CONNECTION)
GROUND RING NEED
NOT BE AS SHOWN.
(NORMALLY EXISTS AS
INTERNAL PLANE)
CF AND RC ARE OPTIONAL.
SEE FREQUENCY
COMPENSATION
CF
TERMINATE GND PIN
DIRECTLY TO GROUND
PLANE WITH VIA TO
MINIMIZE EMI. (MINIMIZE
DISTANCE TO INPUT
CAPACITOR C3). CONNECT
FEEDBACK RESISTORS AND
COMPENSATION
COMPONENTS DIRECTLY
TO GROUND PLANE OR TO
SWITCHER GND PIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com