Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1507CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1507CS8
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1507CS8 Datasheet HTML 11Page - Linear Technology LT1507CS8 Datasheet HTML 12Page - Linear Technology LT1507CS8 Datasheet HTML 13Page - Linear Technology LT1507CS8 Datasheet HTML 14Page - Linear Technology LT1507CS8 Datasheet HTML 15Page - Linear Technology LT1507CS8 Datasheet HTML 16Page - Linear Technology LT1507CS8 Datasheet HTML 17Page - Linear Technology LT1507CS8 Datasheet HTML 18Page - Linear Technology LT1507CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1507
APPLICATIONS INFORMATION
is not a problem, but it should be noted that for
equal case
size, the ripple current rating and ESR of higher voltage
capacitors will be somewhat worse. The lower input
operating voltages of the LT1507 allow considerable
derating of capacitor voltage. If solid tantalum units are
used, it would be wise to use units rated at 25V or more,
as long as ripple current requirements are met. Design
Note 122 discusses the problem of showing typical input
capacitor surges that occur when batteries or adapters are
hot plugged to typical regulator systems.
A new capacitor type known as OS-CON uses a “semicon-
ductor” dielectric to achieve extremely low ESR and high
ripple current rating. These are ideal for input bypassing
because they are not surge sensitive. They are not sug-
gested for output capacitors because the very low ESR
may present loop stability problems. Price and size (height)
are issues to be considered. The original manufacturer is
Sanyo but there are now additional sources.
Larger capacitors may be necessary when the input volt-
age is very close to the minimum specified on the data
sheet. A 5
µF ceramic input capacitor for instance, moves
at about 0.1V/
µs during switch ON time when load current
is 1A, creating a ripple voltage due to reactance. This is in
addition to the ripple caused by capacitor ESR. Physically
larger input capacitors will have more capacitance (less
reactance)
and lower ESR. Small voltage dips during
switch ON time are not normally a problem, but at very low
input voltage they may cause erratic operation because the
input voltage drops below the minimum specification.
Problems can also occur if the input to output voltage
differential is near minimum.
Minimum Input Voltage (After Start-Up)
Minimum input voltage to make the LT1507 “run” cor-
rectly is typically 3.6V, but to regulate the output, a buck
converter input voltage must always be higher than the
output voltage. To calculate minimum operating input
voltage, switch voltage loss and maximum duty cycle
must be taken into account. With the LT1507 there is the
additional consideration of proper operation of the boost
circuit. The boost circuit allows the power switch to
saturate for high efficiency, but it also sometimes results
in a start-up or low current operating voltage that is 0.5V
to 1.5V higher than the standard running voltage, espe-
cially at light loads. An approximate formula to calculate
minimum
running voltage at load currents above 100mA
is:
V
VI
ImA
IN MIN
OUT
OUT
OUT
()
()( .
)
.
()
=
+Ω
≥
03
085
100
With VOUT = 3.3V and IOUT = 0.1A, this formula yields
VIN(MIN) = 3.9V. Increasing load current to 1A raises
minimum input to 4.2V. For start-up and operation at light
loads, see the next section.
Minimum Start-Up Voltage and Operation
at Light Loads
The boost capacitor supplies current to the BOOST pin
during switch ON time. This capacitor is recharged only
during switch OFF time. Under certain conditions of light
load and low input voltage, the capacitor may not be fully
recharged during the relatively short OFF time. This causes
the boost voltage to collapse and minimum input voltage
is increased. Start-up voltage at light loads is higher than
normal running voltage for the same reasons. Figure 5
shows minimum input voltage for a 3.3V output, both for
start-up and for normal operation. This graph indicates
that a 5V to 3.3V converter with 4.7V minimum input
voltage, will not start correctly below a 40mA load current
and will not run correctly below a 4mA load current. If
minimum load current is less than 50mA, a preload should
be added or the circuit in Figure 6 can be used.
LOAD CURRENT (mA)
1
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
10
100
1000
LT1400 • GXX
VALID ONLY FOR VOUT = 3.3V
MINIMUM VOLTAGE
TO START WITH
STANDARD CIRCUITS
MINIMUM VOLTAGE
TO START WITH
PNP ADDED
MINIMUM VOLTAGE
TO RUN WITH
STANDARD CIRCUIT
MINIMUM VOLTAGE
TO RUN WITH
PNP ADDED
MINIMUM VOLTAGE
TO RUN WITH
PNP ADDED
Figure 5. Minimum Input Voltage for VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com