Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1507CS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1507CS8
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507CS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1507CS8 Datasheet HTML 12Page - Linear Technology LT1507CS8 Datasheet HTML 13Page - Linear Technology LT1507CS8 Datasheet HTML 14Page - Linear Technology LT1507CS8 Datasheet HTML 15Page - Linear Technology LT1507CS8 Datasheet HTML 16Page - Linear Technology LT1507CS8 Datasheet HTML 17Page - Linear Technology LT1507CS8 Datasheet HTML 18Page - Linear Technology LT1507CS8 Datasheet HTML 19Page - Linear Technology LT1507CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1507
APPLICATIONS INFORMATION
Example: with VIN = 5V, VOUT = 3.3V, IOUT = 1A;
P
W
PW
PW
SW
BOOST
Q
=+
()

()( )
()


=+
=
=
+


=
=+
=
−
( . )( )( .)
..
.
(. )
..
(.
)
. (.
)
.
04 1 3 3
5
16 10
1 5 500 10
026 0 04
03
33
5
0 008
1
75
0 046
5 0 003
3 3 0 005
0 032
2
93
2
Total power dissipation is 0.3 + 0.046 + 0.032 = 0.38W.
Thermal resistance for the LT1507 packages is influenced
by the presence of internal or backside planes. With a full
plane under the SO package, thermal resistance will be
about 120
°C/W. No plane will increase resistance to about
150
°C/W. To calculate die temperature, use the proper
thermal resistance number for the desired package and
add in worst-case ambient temperature;
TJ = TA + θJA(PTOT)
With the S8 package (
θJA = 120°C/W) at an ambient
temperature of 70
°C;
TJ = 70 + 120(0.38) = 116°C
FREQUENCY COMPENSATION
The LT1507 uses a “current mode” architecture to help
alleviate phase shift created by the inductor. The basic
connections are shown in Figure 9. Gain of the power stage
can be modeled as 1.8A/V transconductance from the VC
pin voltage to current delivered to the output. This is
shown in Figure 8 where the transconductance from VC
pin to inductor current is essentially flat from 50Hz to
50kHz and phase shift is minimal in the important loop
unity-gain band of 1kHz to 50kHz. Inductor variation from
3
µH to 20µH will have very little effect on these curves.
Overall gain from the VC pin to output is then modeled as
the product of 1.8A/V transconductance multiplied by the
complex impedance of the load in parallel with the output
capacitor model.
The error amplifier can be modeled as a transconductance
of 2000
µmho, with an output impedance of 200kΩ in
FREQUENCY (Hz)
2.0
1.5
1.0
0.5
0
80
40
0
–40
–80
10
1k
10k
100k
LT1507 • F08
100
GAIN (A/V)
PHASE
VOUT = 3.3V
IOUT = 250mA
VIN = 5V
L = 10
µH
Figure 8. Phase and Gain from VC Pin Voltage
to Inductor Current
POWER STAGE
gm = 1.8A/V
ERROR AMPLIFIER
gm = 2000µho
200k
2.42V
LT1507
RC
CC
CF
GND
VC
VSW
L1
FB
R1
R2
ESR
+
OUTPUT
1507 • F09
C1
12pF
Figure 9. Small-Signal Model for Loop Stability Analysis
parallel with 12pF. In all practical applications, the com-
pensation network from VC pin to ground has a much
lower impedance than the output impedance of the ampli-
fier at frequencies above 500Hz. This means that the error
amplifier characteristics themselves do not contribute
excess phase shift to the loop and the phase/gain charac-
teristics of the error amplifier section are completely
controlled by the external compensation network.
The complete small-signal model is shown in Figure 9. R1
and R2 are the divider used to set output voltage. These are
internal on the fixed voltage LT1507-3.3 with R1 = 1.8k
and R2 = 5k. RC, CC and CF are external compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com