Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1377 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1377
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1377 Datasheet(HTML) 3 Page - Linear Technology

  LT1377 Datasheet HTML 1Page - Linear Technology LT1377 Datasheet HTML 2Page - Linear Technology LT1377 Datasheet HTML 3Page - Linear Technology LT1377 Datasheet HTML 4Page - Linear Technology LT1377 Datasheet HTML 5Page - Linear Technology LT1377 Datasheet HTML 6Page - Linear Technology LT1377 Datasheet HTML 7Page - Linear Technology LT1377 Datasheet HTML 8Page - Linear Technology LT1377 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1506
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch On Resistance (Note 7)
ISW = 4.5A
0.07
0.1
Ω
q
0.13
Ω
Maximum Switch Duty Cycle
VFB = 2.1V or VSENSE = 2.9V
90
93
%
q
86
93
%
Switch Frequency
VC Set to Give 50% Duty Cycle
460
500
540
kHz
q
440
560
kHz
Switch Frequency Line Regulation
4.3V
≤ VIN ≤ 15V
q
0
0.15
%/ V
Frequency Shifting Threshold on FB Pin
∆f = 10kHz
q
0.8
1.0
1.3
V
Minimum Input Voltage (Note 3)
q
4.0
4.3
V
Minimum Boost Voltage (Note 4)
ISW ≤ 4.5A
q
2.3
3.0
V
Boost Current (Note 5)
ISW = 1A
q
20
35
mA
ISW = 4.5A
q
90
140
mA
Input Supply Current (Note 6)
q
3.8
5.4
mA
Shutdown Supply Current
VSHDN = 0V, VSW = 0V, VC Open
15
50
µA
q
75
µA
Lockout Threshold
VC Open
q
2.3
2.38
2.46
V
Shutdown Thresholds
VC Open Device Shutting Down
q
0.13
0.37
0.60
V
Device Starting Up
q
0.25
0.45
0.7
V
Synchronization Threshold
q
1.5
2.2
V
Synchronizing Range
580
1000
kHz
SYNC Pin Input Resistance
40
k
Ω
TJ = 25°C, VIN = 5V, VC = 1.5V, Boost = VIN + 5V, switch open, unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Gain is measured with a VC swing equal to 200mV above the
switching threshold level to 200mV below the upper clamp level.
Note 3: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator frequency remain
constant. Actual minimum input voltage to maintain a regulated output will
depend on output voltage and load current. See Applications Information.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: Boost current is the current flowing into the boost pin with the pin
held 5V above input voltage. It flows only during switch on time.
Note 6: Input supply current is the bias current drawn by the input pin
with switching disabled.
Note 7: Switch on resistance is calculated by dividing VIN to VSW voltage
by the forced current (4.5A). See Typical Performance Characteristics for
the graph of switch voltage at other currents.
Note 8: Transconductance and voltage gain refer to the internal amplifier
exclusive of the voltage divider. To calculate gain and transconductance
refer to SENSE pin on fixed voltage parts. Divide values shown by the ratio
VOUT/2.42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com