Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1377 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1377
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1377 Datasheet(HTML) 4 Page - Linear Technology

  LT1377 Datasheet HTML 1Page - Linear Technology LT1377 Datasheet HTML 2Page - Linear Technology LT1377 Datasheet HTML 3Page - Linear Technology LT1377 Datasheet HTML 4Page - Linear Technology LT1377 Datasheet HTML 5Page - Linear Technology LT1377 Datasheet HTML 6Page - Linear Technology LT1377 Datasheet HTML 7Page - Linear Technology LT1377 Datasheet HTML 8Page - Linear Technology LT1377 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LT1506
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Pin Voltage
TEMPERATURE (
°C)
–50
2.430
2.425
2.420
2.415
2.410
100
1506 G03
–25
0
25
50
75
125
Switch Peak Current Limit
DUTY CYCLE (%)
0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
80
1506 G02
20
40
60
100
TYPICAL
MINIMUM
Lockout and Shutdown
Thresholds
Shutdown Pin Bias Current
Shutdown Supply Current
JUNCTION TEMPERATURE (
°C)
–50
2.40
2.36
2.32
0.8
0.4
0
25
75
1506 G05
–25
0
50
100
125
LOCKOUT
START-UP
SHUTDOWN
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
510
15
1506 G06
VSHDN = 0V
Shutdown Supply Current
SHUTDOWN VOLTAGE (V)
0
70
60
50
40
30
20
10
0
0.1
0.2
0.3
0.4
1506 G07
VIN = 10V
FREQUENCY (Hz)
3000
2500
2000
1500
1000
500
200
150
100
50
0
–50
100
10k
100k
10M
1506 G09
1k
1M
GAIN
PHASE
ERROR AMPLIFIER EQUIVALENT CIRCUIT
ROUT
200k
COUT
12pF
VC
RLOAD = 50Ω
VFB 2 × 10
–3
)
(
Error Amplifier Transconductance
Error Amplifier Transconductance
JUNCTION TEMPERATURE (
°C)
–50
2500
2000
1500
1000
500
0
0
50
75
1506 G08
–25
25
100
125
Minimum Input Voltage
with 3.3V Output
LOAD CURRENT (mA)
1
4.1
4.3
4.5
4.7
10
100
1000
1506 G12
3.9
3.7
3.5
3.3
TEMPERATURE (
°C)
–50
–500
– 400
– 300
– 200
–8
–4
0
25
75
1506 G04
–25
0
50
100
125
AT 0.37V SHUTDOWN THRESHOLD.
AFTER SHUTDOWN, CURRENT
DROPS TO A FEW
µA
AT 2.38V LOCKOUT THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com