Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1377 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1377
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1377 Datasheet(HTML) 1 Page - Linear Technology

  LT1377 Datasheet HTML 1Page - Linear Technology LT1377 Datasheet HTML 2Page - Linear Technology LT1377 Datasheet HTML 3Page - Linear Technology LT1377 Datasheet HTML 4Page - Linear Technology LT1377 Datasheet HTML 5Page - Linear Technology LT1377 Datasheet HTML 6Page - Linear Technology LT1377 Datasheet HTML 7Page - Linear Technology LT1377 Datasheet HTML 8Page - Linear Technology LT1377 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1506
4.5A, 500kHz Step-Down
Switching Regulator
s
Constant 500kHz Switching Frequency
s
Easily Synchronizable
s
Operates with Input as Low as 4V
s
Uses All Surface Mount Components
s
Inductor Size Reduced to 1.8
µH
s
Saturating Switch Design: 0.07
Ω
s
Shutdown Current: 20
µA
s
Cycle-by-Cycle Current Limiting
FEATURES
The LT
®1506 is a 500kHz monolithic buck mode switching
regulator functionally identical to the LT1374 but optimized
for lower input voltage applications. It will operate over a
4V to 15V input range compared with 5.5V to 25V for the
LT1374. A 4.5A switch is included on the die along with all
the necessary oscillator, control and logic circuitry. High
switching frequency allows a considerable reduction in the
size of external components. The topology is current mode
for fast transient response and good loop stability. Both
fixed output voltage and adjustable parts are available.
A special high speed bipolar process and new design tech-
niques achieve high efficiency at high switching frequency.
Efficiency is maintained over a wide output current range
by keeping quiescent supply current to 4mA and by utiliz-
ing a supply boost capacitor to saturate the power switch.
The LT1506 fits into standard 7-pin DD and fused lead
SO-8 packages. Full cycle-by-cycle short-circuit protection
and thermal shutdown are provided. Standard surface
mount external parts are used, including the inductor and
capacitors. There is the optional function of shutdown or
synchronization. A shutdown signal reduces supply current
to 20
µA.Synchronizationallowsanexternallogiclevelsig-
nal to increase the internal oscillator from 580kHz to 1MHz.
DESCRIPTION
s
Portable Computers
s
Battery-Powered Systems
s
Battery Charger
s
Distributed Power
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
LOAD CURRENT (A)
0
90
85
80
75
70
2.0
2.5
3.0
3.5
1506 TA02
0.5
1.0
1.5
4.0
VOUT = 3.3V
VIN = 5V
L = 10
µH
Efficiency vs Load Current
5V to 3.3V Down Converter
BOOST
LT1506-3.3
VIN
OUTPUT
3.3V
4A
INPUT
5V
1506 TA01
C2
0.68
µF
CC
1.5nF
D1
MBRS330T3
C1
100
µF, 10V
SOLID
TANTALUM
C3
10
µF TO
50
µF
CERAMIC
D2
1N914
L1
5
µH
VSW
SENSE
SHDN
OPEN
OR
HIGH
= ON
GND
VC
+
+


Similar Part No. - LT1377

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1377 LINER-LT1377 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1377 LINER-LT1377 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1377CS8 LINER-LT1377CS8 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1377IS8 LINER-LT1377IS8 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1377 LINER-LT1377_15 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
More results

Similar Description - LT1377

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
4.5A, 500KHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
logo
Anaren Microwave
MSK5032 ANAREN-MSK5032 Datasheet
930Kb / 9P
4.5A,500KHz STEP DOWN SWITCHING REGULATOR CONTROLLER
MSK5059RH ANAREN-MSK5059RH Datasheet
575Kb / 9P
RAD HARD 4.5A, 500KHZ STEP DOWN SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com