Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1534CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1534CS
Description  Ultralow Noise 2A Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534CS Datasheet(HTML) 1 Page - Linear Technology

  LT1534CS Datasheet HTML 1Page - Linear Technology LT1534CS Datasheet HTML 2Page - Linear Technology LT1534CS Datasheet HTML 3Page - Linear Technology LT1534CS Datasheet HTML 4Page - Linear Technology LT1534CS Datasheet HTML 5Page - Linear Technology LT1534CS Datasheet HTML 6Page - Linear Technology LT1534CS Datasheet HTML 7Page - Linear Technology LT1534CS Datasheet HTML 8Page - Linear Technology LT1534CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1534/LT1534-1
TYPICAL APPLICATION
DESCRIPTIO
FEATURES
APPLICATIO S
Ultralow Noise
2A Switching Regulators
The LT
®1534/LT1534-1 are a new class of switching regula-
tor designed to reduce conducted and radiated electromag-
netic interference (EMI). Ultralow noise and EMI are achieved
by providing user control of the output switch slew rates.
Voltage and current slew rates can be independently pro-
grammed to optimize switcher harmonic content versus
efficiency. The LT1534/LT1534-1 can reduce high frequency
harmonic power by as much as 40dB with only minor losses
in efficiency.
The LT1534/LT1534-1 utilize a current mode architecture
optimized for low noise boost topologies. The ICs include a
2A power switch along with all necessary oscillator, control
and protection circuitry. Unique error amp circuitry can
regulate both positive and negative voltages. The internal
oscillator may be synchronized to an external clock for more
accurate placement of switching harmonics. Protection fea-
tures include cycle-by-cycle current limit protection, under-
voltage lockout and thermal shutdown.
Low minimum supply voltage and low supply current during
shutdown make the LT1534/LT1534-1 well suited for por-
table applications. The LT1534/LT1534-1 are available in the
16-pin narrow SO package.
s
Greatly Reduced Conducted and Radiated EMI
s
Low Switching Harmonic Content
s
Independent Control of Switch Voltage and
Current Slew Rates
s
2A Current Limited Power Switch
s
Regulates Positive and Negative Voltages
s
20kHz to 250kHz Oscillator Frequency
s
Easily Synchronized to External Clock
s
Wide Input Voltage Range: 2.7V to 23V
s
Low Shutdown Current: 12
µA Typical
s
Easier Layout than with Conventional Switchers
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Precision Instrumentation Systems
s
Isolated Supplies for Industrial Automation
s
Medical Instruments
s
Wireless Communications
s
Single Board Data Acquisition Systems
B
2mV/DIV
A
50mV/DIV
10
µs/DIV
1534 TA02
5V Output Noise (BW = 100MHz)
SHDN
SYNC
COL
NFB
LT1534-1
GND
VIN
3.3V
15
2
PGND
3
L2
RVSL
14
RCSL
13
7
12
4
5
6
11
3300pF
16.9k
220pF
1nF
24k
CIN
33
µF
6.3V
10
Ω
24k
+
1N5817
A
OPTIONAL
L1
50
µH
2.49k
6.8k
10
1,8,
9,16
7.5k
C1
47
µF
6.3V
×2
+
CIN: MATSUSHITA ECGCOJB330
C1, C2: MATSUSHITA ECGCOJB47O
L1, L3: COILTRONICS CTX50-4
L2: COILCRAFT B08T (28nH) OR PC TRACE
1534 TA01
CT
RT
VC
FB
L3
50
µH
C2
47
µF
5V
650mA
+
15nF
B
Figure 1. Low Noise 3.3V to 5V Boost Converter


Similar Part No. - LT1534CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534-1 LINER-LT1534-1 Datasheet
216Kb / 16P
Ultralow Noise 2A Switching Regulators
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
Ultralow Noise 2A Switching Regulators
More results

Similar Description - LT1534CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
Ultralow Noise 1A Switching Regulator
logo
Texas Instruments
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
logo
Linear Technology
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
logo
Gamma Microelectronics ...
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Texas Instruments
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
logo
Linear Technology
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
Ultralow Noise 2A Switching Regulators
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
Ultralow Noise 2A Switching Regulators
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
Ultralow Noise 1A Switching Regulator
logo
Texas Instruments
TPS789 TI-TPS789 Datasheet
481Kb / 20P
ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com