Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1534CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1534CS
Description  Ultralow Noise 2A Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1534CS Datasheet HTML 7Page - Linear Technology LT1534CS Datasheet HTML 8Page - Linear Technology LT1534CS Datasheet HTML 9Page - Linear Technology LT1534CS Datasheet HTML 10Page - Linear Technology LT1534CS Datasheet HTML 11Page - Linear Technology LT1534CS Datasheet HTML 12Page - Linear Technology LT1534CS Datasheet HTML 13Page - Linear Technology LT1534CS Datasheet HTML 14Page - Linear Technology LT1534CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1534/LT1534-1
APPLICATIONS INFORMATION
where
∆I is the ripple current in the switch, RCSL and
RVSL are the slew resistors and fOSC is the oscillator
frequency.
Power dissipation PD is the sum of these three terms. Die
junction temperature is then computed as:
TJ = TAMB + (PD)(θJA)
where TAMB is ambient temperature and θJA is the package
thermal resistance. For the 16-pin SO with fused leads the
θJA is 50°C/W.
For example, with fOSC = 40kHz, 0.4A average current and
0.1A of ripple, the maximum duty cycle is 88%. Assume
slew resistors are both 17k and VSAT is 0.26V, then:
PD = 0.176W + 0.094W + 0.158W = 0.429W
In an S16 fused lead package the die junction temperature
would be 21
°C above ambient.
Frequency Compensation
Loop frequency compensation is accomplished by way of
a series RC network on the output of the error amplifier (VC
pin). Referring to Figure 4, the main pole is formed by
capacitor CVC and the output impedance of the error
amplifier (approximately 400k
Ω). The series resistor RVC
creates a “zero” which improves loop stability and tran-
sient response. A second capacitor CVC2, typically one-
tenth the size of the main compensation capacitor, is
sometimes used to reduce the switching frequency ripple
on the VC pin. VC pin ripple is caused by output voltage
ripple attenuated by the output divider and multiplied by
the error amplifier. Without the second capacitor, VC pin
ripple is:
V
Vg
R
V
CPIN RIPPLE
RIPPLE
m
VC
OUT
= ()(
)( )( )
125
.
where VRIPPLE = Output ripple (VP-P)
gm = Error amplifier transconductance
RVC = Series resistor on VC pin
VOUT = DC output voltage
To prevent irregular switching, VC pin ripple should be
kept below 50mVP-P. Worst-case VC pin ripple occurs at
maximum output load current and will also be increased if
poor quality (high ESR) output capacitors are used. The
addition of a 0.0047
µF capacitor on the VC pin reduces
switching frequency ripple to only a few millivolts. A low
value for RVC will also reduce VC pin ripple, but loop phase
margin may be inadequate.
Capacitors
While the IC reduces the source of switcher noise, it is
essential for the lowest noise, that the filter capacitors
should have low parasitic impedance. Sanyo OS-CON,
Panasonic Specialty Polymer and tantalum capacitors are
the preferred types. Aluminum electrolytics are not suit-
able for this application. In general, ESR is more critical
than capacitance. At higher frequencies, ESL can also be
important. Paralleling capacitors can reduce both ESR and
ESL.
Design Note 95 offers more information about capacitor
selection. The following is a brief summary:
Solid tantalum capacitors have small size and low
impedance. Typically they are available for voltages
below 50V. They may have a problem with surge
currents (AVX TPS line addresses this issue).
OS-CON capacitors have very low impedance but are
only available for 25V or less. Form factor may be a
problem. Sometimes their very low ESR can cause loop
stability problems.
Ceramic capacitors are generally used for high fre-
quency and high voltage bypass. They too can have
such a low ESR as to cause loop stability problems.
Often they can resonate with their ESL before ESR
becomes effective.
Specialty Polymer Aluminum: Panasonic has come out
with their series CD capacitors. While they are only
available for voltages below 16V, they have very low
ESR and good surge capability.
VC PIN
1534 F03
RVC
2k
CVC
0.01
µF
CVC2
4.7nF
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com