Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1534CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1534CS
Description  Ultralow Noise 2A Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1534CS Datasheet HTML 8Page - Linear Technology LT1534CS Datasheet HTML 9Page - Linear Technology LT1534CS Datasheet HTML 10Page - Linear Technology LT1534CS Datasheet HTML 11Page - Linear Technology LT1534CS Datasheet HTML 12Page - Linear Technology LT1534CS Datasheet HTML 13Page - Linear Technology LT1534CS Datasheet HTML 14Page - Linear Technology LT1534CS Datasheet HTML 15Page - Linear Technology LT1534CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1534/LT1534-1
TYPICAL APPLICATIO S
A Cuk converter is a natural topology for a low noise
converter. The Cuk converter is a dual of a buck boost
converter. C1 is the primary means of storing and trans-
ferring energy. Like a buck boost, the DC transfer function
is approximately VOUT/VIN = DC/(1 – DC). The output
voltage, though negative, can be higher or lower in mag-
nitude from the input. The two inductors can be separate
however, by placing them on the same winding input and
output current ripple can be greatly reduced. The addi-
tional slew control provided by the LT1534 will reduce the
high frequency content even further.
SHDN
SYNC
COL
NFB
LT1534-1
GND
VIN
INPUT VOLTAGE
4V TO 12V
15
2
12
4
5
6
11
1300pF
C1
47
µF
16.9k
33nF
NOTE 1: 25nH TRACE INDUCTANCE
OR COILCRAFT B10T
L1: COILTRONICS CTX20-4
NOTE 1
4.7
µF
L1B
20
µH
L1A
20
µH
MBR320
4.99k
1%
2k
10
1,8,
9,16
1k
1%
–3V
0.7A
1534 TA06
CT
RT
VC
PGND
RVSL
RCSL
FB
3
14
13
7
4.7
µF
Ultralow Noise Regulator for a Thermo-Electric Cooler,
Maintaining Sensitive Electronics at Low Temperatures
VC
L2
22nF
D1
12V
C1
47
µF
16V
RCSL
Q5
2N3904
1534 TA05
VIN
FB
RT
CT
110k
LT1534-1
U1
GND
PGND
1000pF
COL
RVSL
+
C2
47
µF
16V
+
C4
22
µF
16V
+
10k
18k
10k
5.6V
10
Ω
L1
100
µH
1 TO 5
6 TO 10
R1
50m
Ω
0.1
µF
3.3M
2200pF
R4
5.1k
R3
690k
R6
25k
499k
10k
499k
R5
1.6k
2N3904
24k
3.3k
L4
22
µH
+
–
–
+
100k
100
Ω
10k
R2
10k
C3
22
µF
16V
0A TO 1.5A
THERMOELECTRIC
COOLER
+
L3
22
µH
RT
10k
NTC
0.1
µF
U2B
U2A
0.1
µF
0.01
µF
1k
D1: MOTOROLA MBR5320T3
L1: MIDCOM 38440
L2: COILCRAFT B07T
L3, L4: SUMIDA CD43-220
U2A, U2B: LT1490
Ultralow Noise 5V to –3V Cuk Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com