Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1576CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1576CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1576CS8 Datasheet HTML 5Page - Linear Technology LT1576CS8 Datasheet HTML 6Page - Linear Technology LT1576CS8 Datasheet HTML 7Page - Linear Technology LT1576CS8 Datasheet HTML 8Page - Linear Technology LT1576CS8 Datasheet HTML 9Page - Linear Technology LT1576CS8 Datasheet HTML 10Page - Linear Technology LT1576CS8 Datasheet HTML 11Page - Linear Technology LT1576CS8 Datasheet HTML 12Page - Linear Technology LT1576CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LT1576/LT1576-5
APPLICATIONS INFORMATION
Figure 2. Frequency and Current Limit Foldback
–
+
1.21V
VSW
VC
GND
TO SYNC CIRCUIT
1576 F02
TO FREQUENCY
SHIFTING
R3
1k
R4
1k
R1
R2
5k
OUTPUT
5V
R5
5k
ERROR
AMPLIFIER
FB
1.4V
Q1
LT1576
Q2
+
Table 1
OUTPUT
R1
% ERROR AT OUTPUT
VOLTAGE
R2
(NEAREST 1%)
DUE TO DISCREET 1%
(V)
(k
Ω)(kΩ)
RESISTOR STEPS
3
4.99
7.32
– 0.50
3.3
4.99
8.66
+ 0.30
5
4.99
15.8
+ 0.83
6
4.99
19.6
– 0.62
8
4.99
28.0
– 0.01
10
4.99
36.5
+ 0.61
12
4.99
44.2
– 0.60
15
4.99
56.2
– 1.08
More Than Just Voltage Feedback
The feedback pin is used for more than just output voltage
sensing. It also reduces switching frequency and current
limit when output voltage is very low (see the Frequency
Foldback graph in Typical Performance Characteristics).
This is done to control power dissipation in both the IC and
the external diode and inductor during short-circuit con-
ditions. A shorted output requires the switching regulator
to operate at very low duty cycles, and the average current
through the diode and inductor is equal to the short-circuit
current limit of the switch (typically 2A for the LT1576,
folding back to less than 0.77A). Minimum switch on time
limitations would prevent the switcher from attaining a
sufficiently low duty cycle if switching frequency were
maintained at 200kHz, so frequency is reduced by about
5:1 when the feedback pin voltage drops below 0.7V (see
Frequency Foldback graph). This does not affect operation
with normal load conditions; one simply sees a gear shift
in switching frequency during start-up as the output
voltage rises.
In addition to lower switching frequency, the LT1576 also
operates at lower switch current limit when the feedback
pin voltage drops below 0.7V. Q2 in Figure 2 performs this
function by clamping the VC pin to a voltage less than its
normal 2.1V upper clamp level. This
foldback current limit
greatly reduces power dissipation in the IC, diode and
inductor during short-circuit conditions. External synchro-
nization is also disabled to prevent interference with
foldback operation. Again, it is nearly transparent to the
user under normal load conditions. The only loads that may
be affected are current source loads which maintain full
load current with output voltage less than 50% of final value.
In these rare situations the feedback pin can be clamped
above 0.7V to defeat foldback current limit.
Caution: clamp-
ing the feedback pin means that frequency shifting will also
be defeated, so a combination of high input voltage and
dead shorted output may cause the LT1576 to lose control
of current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com