Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1576CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1576CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1576CS8 Datasheet HTML 3Page - Linear Technology LT1576CS8 Datasheet HTML 4Page - Linear Technology LT1576CS8 Datasheet HTML 5Page - Linear Technology LT1576CS8 Datasheet HTML 6Page - Linear Technology LT1576CS8 Datasheet HTML 7Page - Linear Technology LT1576CS8 Datasheet HTML 8Page - Linear Technology LT1576CS8 Datasheet HTML 9Page - Linear Technology LT1576CS8 Datasheet HTML 10Page - Linear Technology LT1576CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LT1576/LT1576-5
BLOCK DIAGRAM
it much easier to frequency compensate the feedback loop
and also gives much quicker transient response.
Most of the circuitry of the LT1576 operates from an
internal 2.9V bias line. The bias regulator normally draws
power from the regulator input pin, but if the BIAS pin is
connected to an external voltage higher than 3V, bias
power will be drawn from the external source (typically the
regulated output voltage). This will improve efficiency if
the BIAS pin voltage is lower than regulator input voltage.
High switch efficiency is attained by using the BOOST pin
to provide a voltage to the switch driver which is higher
than the input voltage, allowing the switch to saturate. This
boosted voltage is generated with an external capacitor
and diode. Two comparators are connected to the shut-
down pin. One has a 2.44V threshold for undervoltage
lockout and the second has a 0.4V threshold for complete
shutdown.
The LT1576 is a constant frequency, current mode buck
converter. This means that there is an internal clock and
two feedback loops that control the duty cycle of the power
switch. In addition to the normal error amplifier, there is a
current sense amplifier that monitors switch current on a
cycle-by-cycle basis. A switch cycle starts with an oscilla-
tor pulse which sets the RS flip-flop to turn the switch on.
When switch current reaches a level set by the inverting
input of the comparator, the flip-flop is reset and the
switch turns off. Output voltage control is obtained by
using the output of the error amplifier to set the switch
current trip point. This technique means that the error
amplifier commands current to be delivered to the output
rather than voltage. A voltage fed system will have low
phase shift up to the resonant frequency of the inductor
and output capacitor, then an abrupt 180
° shift will occur.
The current fed system will have 90
° phase shift at a much
lower frequency, but will not have the additional 90
° shift
until well beyond the LC resonant frequency. This makes
PIN FUNCTIONS
This pin sits at about 1V for very light loads and 2V at
maximum load. It can be driven to ground to shut off the
regulator, but if driven high, current must be limited to
4mA.
FB/SENSE (Pin 7): The feedback pin is the input to the
error amplifier which is referenced to an internal 1.21V
source. An external resistive divider is used to set the
output voltage. Three additional functions are performed
by the FB pin. The fixed voltage (-5) parts have the divider
resistors included on-chip and the FB pin is used as a
SENSE pin, connected directly to the 5V output. When the
pin voltage drops below 0.7V, the switch current limit and
the switching frequency are reduced and the external sync
function is disabled. See Feedback Pin Function section in
Applications Information for details.
SYNC (Pin 8): The SYNC pin is used to synchronize the
internal oscillator to an external signal. It is directly logic
compatible and can be driven with any signal between
10% and 90% duty cycle. The synchronizing range is
equal to
initial operating frequency, up to 400kHz. This pin
replaces SHDN on -SYNC option parts. See Synchronizing
section in Applications Information for details.
SHDN (Pin 8): The shutdown pin is used to turn off the
regulator and to reduce input drain current to a few
microamperes. Actually, this pin has two separate thresh-
olds, one at 2.44V to disable switching, and a second at
0.4V to force complete micropower shutdown. The 2.44V
threshold functions as an accurate undervoltage lockout
(UVLO). This can be used to prevent the regulator from
operating until the input voltage has reached a predeter-
mined level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com