Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1576CS8 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1576CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576CS8 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1576CS8 Datasheet HTML 18Page - Linear Technology LT1576CS8 Datasheet HTML 19Page - Linear Technology LT1576CS8 Datasheet HTML 20Page - Linear Technology LT1576CS8 Datasheet HTML 21Page - Linear Technology LT1576CS8 Datasheet HTML 22Page - Linear Technology LT1576CS8 Datasheet HTML 23Page - Linear Technology LT1576CS8 Datasheet HTML 24Page - Linear Technology LT1576CS8 Datasheet HTML 25Page - Linear Technology LT1576CS8 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT1576/LT1576-5
APPLICATIONS INFORMATION
I check switching regulator loop stability by pulse loading
the regulator output while observing transient response at
the output, using the circuit shown in Figure 13. The
regulator loop is “hit” with a small transient AC load
current at a relatively low frequency, 50Hz to 1kHz. This
causes the output to jump a few millivolts, then settle back
to the original value, as shown in Figure 14. A well behaved
loop will settle back cleanly, whereas a loop with poor
phase or gain margin will “ring” as it settles. The
number
of rings indicates the degree of stability, and the
frequency
of the ringing shows the approximate unity-gain fre-
quency of the loop.
Amplitude of the signal is not particu-
larly important, as long as the amplitude is not so high that
the loop behaves nonlinearly.
How Do I Test Loop Stability?
The “standard” compensation for LT1576 is a 100pF
capacitor for CC, with RC = 0Ω. While this compensation
will work for most applications, the “optimum” value for
loop compensation components depends, to various ex-
tent, on parameters which are not well controlled. These
include
inductor value (
±30% due to production toler-
ance, load current and ripple current variations),
output
capacitance (
±20% to ±50% due to production tolerance,
temperature, aging and changes at the load),
output
capacitor ESR (
±200% due to production tolerance, tem-
perature and aging), and finally,
DC input voltage and
output load current. This makes it important for the
designer to check out the final design to ensure that it is
“robust” and tolerant of all these variations.
0.2ms/DIV
1576 F14
10mV/DIV
VOUT AT
IOUT = 500mA
BEFORE FILTER
VOUT AT
IOUT = 500mA
AFTER FILTER
LOAD PULSE
THROUGH 50
Ω
f
≈ 780Hz
5A/DIV
VOUT AT
IOUT = 50mA
AFTER FILTER
Figure 14. Loop Stability Check
TO
OSCILLOSCOPE
SYNC
ADJUSTABLE
DC LOAD
ADJUSTABLE
INPUT SUPPLY
100Hz TO 1kHz
100mV TO 1VP-P
100
µF TO
1000
µF
RIPPLE FILTER
1576 F13
TO X1
OSCILLOSCOPE
PROBE
3300pF
330pF
50
Ω
470
Ω
4.7k
SWITCHING
REGULATOR
+
Figure 13. Loop Stability Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com