Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1578CS8 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1578CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578CS8 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1578CS8 Datasheet HTML 17Page - Linear Technology LT1578CS8 Datasheet HTML 18Page - Linear Technology LT1578CS8 Datasheet HTML 19Page - Linear Technology LT1578CS8 Datasheet HTML 20Page - Linear Technology LT1578CS8 Datasheet HTML 21Page - Linear Technology LT1578CS8 Datasheet HTML 22Page - Linear Technology LT1578CS8 Datasheet HTML 23Page - Linear Technology LT1578CS8 Datasheet HTML 24Page - Linear Technology LT1578CS8 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LT1578/LT1578-2.5
APPLICATIONS INFORMATION
Analog experts will note that around 7kHz, phase dips
close to the zero phase margin line. This is typical of
switching regulators, especially those that operate over a
wide range of loads. This region of low phase is not a
problem as long as it does not occur near unity-gain. In
practice, the variability of output capacitor ESR tends to
dominate all other effects with respect to loop response.
Variations in ESR
will cause unity-gain to move around,
but at the same time phase moves with it so that adequate
phase margin is maintained over a very wide range of ESR
(
≥ ±3:1).
What About a Resistor in the Compensation Network?
It is common practice in switching regulator design to add
a “zero” to the error amplifier compensation to increase
loop phase margin. This zero is created in the external
network in the form of a resistor (RC) in series with the
compensation capacitor. Increasing the size of this resis-
tor generally creates better and better loop stability, but
there are two limitations on its value. First, the combina-
tion of output capacitor ESR and a large value for RC may
cause loop gain to stop rolling off altogether, creating a
gain margin problem. An approximate formula for RC
where gain margin falls to zero is:
R Loop
V
G
G
ESR
C
OUT
MP
MA
Gain = 1
()=()( )( )( )
121
.
GMP = Transconductance of power stage = 1.5A/V
GMA = Error amplifier transconductance = 1(10–3)
ESR = Output capacitor ESR
1.21 = Reference voltage
With VOUT = 5V and ESR = 0.1Ω, a value of 27.5k for RC
would yield zero gain margin, so this represents an upper
limit. There is a second limitation however which has
nothing to do with theoretical small signal dynamics. This
resistor sets high frequency gain of the error amplifier,
including the gain at the switching frequency. If the
switching frequency gain is high enough, an excessive
amout of output ripple voltage will appear at the VC pin
resulting in improper operation of the regulator. In a
marginal case,
subharmonic switching occurs, as
evidenced by alternating pulse widths seen at the switch
node. In more severe cases, the regulator squeals or
hisses audibly even though the output voltage is still
roughly correct. None of this will show on a Bode plot
since this is an amplitude insensitive measurement.
Tests
have shown that if ripple voltage on the VC is held to less
than 100mVP-P, the LT1578 will generally be well behaved.
The formula below will give an estimate of VC ripple
voltage when RC is added to the loop, assuming that RC is
large compared to the reactance of CC at 200kHz.
V
R
G
V
V
ESR
VL f
C RIPPLE
C
MA
IN
OUT
IN
() = ()( )
−
()( )( )
()( )( )
121
.
GMA = Error amplifier transconductance (1000µMho)
If a series compensation resistor of 15k gave the best
overall loop response, with adequate gain margin, the
resulting VC pin ripple voltage with VIN = 10V, VOUT = 5V,
ESR = 0.1
Ω, L = 30µH, would be:
V
k
V
C RIPPLE
()
−
−
= ()()
−
()( )( )
()
()(
)
=
15
1 10
10 5 01 121
10 30 10
200 10
0 151
3
63
•.
.
••
.
This ripple voltage is high enough to possibly create
subharmonic switching. In most situations a compromise
value (< 10k in this case) for the resistor gives acceptable
phase margin and no subharmonic problems. In other
cases, the resistor may have to be larger to get acceptable
phase response, and some means must be used to control
ripple voltage at the VC pin. The suggested way to do this
is to add a capacitor (CF) in parallel with the RC/CC network
on the VC pin. The pole frequency for this capacitor is
typically set at one-fifth of the switching frequency so that
it provides significant attenuation of the switching ripple,
but does not add unacceptable phase shift at the loop
unity-gain frequency. With RC = 15k,
C
fR
k
pF
F
C
= ()( )( )= ()()=
5
2
5
2
200 10
15
265
3
π
π
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com