Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1578CS8 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1578CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578CS8 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1578CS8 Datasheet HTML 18Page - Linear Technology LT1578CS8 Datasheet HTML 19Page - Linear Technology LT1578CS8 Datasheet HTML 20Page - Linear Technology LT1578CS8 Datasheet HTML 21Page - Linear Technology LT1578CS8 Datasheet HTML 22Page - Linear Technology LT1578CS8 Datasheet HTML 23Page - Linear Technology LT1578CS8 Datasheet HTML 24Page - Linear Technology LT1578CS8 Datasheet HTML 25Page - Linear Technology LT1578CS8 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT1578/LT1578-2.5
APPLICATIONS INFORMATION
One way to check switching regulator loop stability is by
pulse loading the regulator output while observing the
transient response at the output, using the circuit shown
in Figure 13. The regulator loop is “hit” with a small
transient AC load current at a relatively low frequency,
50Hz to 1kHz. This causes the output to jump a few
millivolts, then settle back to the original value, as shown
in Figure 14. A well behaved loop will settle back cleanly,
whereas a loop with poor phase or gain margin will “ring”
as it settles. The
number of rings indicates the degree of
stability, and the
frequency of the ringing shows the
approximate unity-gain frequency of the loop.
Amplitude
of the signal is not particularly important, as long as the
amplitude is not so high that the loop behaves nonlinearly.
How Do I Test Loop Stability?
The “standard” compensation for LT1578 is a 100pF
capacitor for CC, with RC = 0. While this compensation will
work for most applications, the “optimum” value for loop
compensation components depends, to various extents,
on parameters which are not well controlled. These in-
clude
inductor value (
±30% due to production tolerance,
load current and ripple current variations),
output capaci-
tance (
±20% to ±50% due to production tolerance,
temperature, aging and changes at the load),
output
capacitor ESR (
±200% due to production tolerance,
temperature and aging), and finally,
DC input voltage and
output load current . This makes it important for the
designer to check out the final design to ensure that it is
“robust” and tolerant of all these variations.
0.2ms/DIV
1578 F14
10mV/DIV
VOUT AT
IOUT = 500mA
BEFORE FILTER
VOUT AT
IOUT = 500mA
AFTER FILTER
LOAD PULSE
THROUGH 50
Ω
f
≈ 780Hz
5A/DIV
VOUT AT
IOUT = 50mA
AFTER FILTER
Figure 14. Loop Stability Check
TO
OSCILLOSCOPE
SYNC
ADJUSTABLE
DC LOAD
ADJUSTABLE
INPUT SUPPLY
100Hz TO 1kHz
100mV TO 1VP-P
100
µF TO
1000
µF
RIPPLE FILTER
1578 F13
TO X1
OSCILLOSCOPE
PROBE
3300pF
330pF
50
Ω
470
Ω
4.7k
SWITCHING
REGULATOR
+
Figure 13. Loop Stability Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com