Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1578CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1578CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1578CS8 Datasheet HTML 1Page - Linear Technology LT1578CS8 Datasheet HTML 2Page - Linear Technology LT1578CS8 Datasheet HTML 3Page - Linear Technology LT1578CS8 Datasheet HTML 4Page - Linear Technology LT1578CS8 Datasheet HTML 5Page - Linear Technology LT1578CS8 Datasheet HTML 6Page - Linear Technology LT1578CS8 Datasheet HTML 7Page - Linear Technology LT1578CS8 Datasheet HTML 8Page - Linear Technology LT1578CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1578/LT1578-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
Kool M
µ is a registered trademark of Magnetics, Inc.
Metglas is a registered trademark of AlliedSignal, Inc.
JUNCTION TEMPERATURE (
°C)
–50
240
220
200
180
160
100
1576 G13
–25
0
25
50
75
125
Switching Frequency
INPUT VOLTAGE (V)
6
0.6
0.8
1.0
1578 G15
0.4
0.2
0
912
1.2
L = 60
µH
1.4
1.6
15
L = 30
µH
L = 15
µH
Maximum Output Current
at VOUT = 5V
LOAD CURRENT (mA)
1
4.50
4.25
4.00
3.75
3.50
10
100
1000
1576 G14
Minimum Input Voltage to Start
with 3.3V Output
INPUT VOLTAGE (V)
4
0.6
0.8
1.0
1578 G16
0.4
0.2
0
6
8
10
12
1.2
1.4
1.6
14
L = 30
µH
L = 15
µH
L = 60
µH
Maximum Output Current
at VOUT = 3.3V
INPUT VOLTAGE (V)
4
0.6
0.8
1.0
1578 G17
0.4
0.2
0
6
8
10
12
1.2
1.4
1.6
14
L = 30
µH
L = 15
µH
L = 60
µH
Maximum Output Current
at VOUT = 2.5V
BOOST Pin Current
VC Pin Shutdown Threshold
SWITCH CURRENT (A)
0
30
25
20
15
10
5
0
0.25
0.50
0.75
1.00
1576 G20
1.25
1.50
JUNCTION TEMPERATURE (
°C)
–50
1.0
0.8
0.6
0.4
0.2
0
100
1576 G21
–25
0
25
50
75
125
FEEDBACK PIN VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
3.0
0.2
0.4
0.6
0.8
1578 G19
1.0
1.2
2.5
Switch Current Limit Foldback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com