Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1613 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 4 Page - Linear Technology

  LT1613 Datasheet HTML 1Page - Linear Technology LT1613 Datasheet HTML 2Page - Linear Technology LT1613 Datasheet HTML 3Page - Linear Technology LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1613
PIN FUNCTIONS
SW (Pin 1): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to keep EMI down.
GND (Pin 2): Ground. Tie directly to local ground plane.
FB (Pin 3): Feedback Pin. Reference voltage is 1.23V.
Connect resistive divider tap here. Minimize trace area at
FB. Set VOUT according to VOUT = 1.23V(1 + R1/R2).
SHDN (Pin 4): Shutdown Pin. Tie to 1V or more to enable
device. Ground to shut down.
VIN (Pin 5): Input Supply Pin. Must be locally bypassed.
BLOCK DIAGRAM
–
+
FF
RQ
S
0.15
Ω
SW
DRIVER
COMPARATOR
2
SHUTDOWN
SHDN
4
1
–
+
Σ
RAMP
GENERATOR
RC
CC
1.4MHz
OSCILLATOR
GND
1613 • BD
R6
40k
R4
140k
R3
30k
Q2
x10
Q1
Q3
R2
(EXTERNAL)
R1
(EXTERNAL)
R5
40k
VOUT
VIN
VIN 5
FB
FB
3
A2
A1
gm
The LT1613 is a current mode, internally compensated,
fixed frequency step-up switching regulator. Operation
can be best understood by referring to the Block Diagram.
Q1 and Q2 form a bandgap reference core whose loop is
closed around the output of the regulator. The voltage
drop across R5 and R6 is low enough such that Q1 and Q2
do not saturate, even when VIN is 1V. When there is no
load, FB rises slightly above 1.23V, causing VC (the error
amplifier’s output) to decrease. Comparator A2’s output
stays high, keeping switch Q3 in the off state. As increased
output loading causes the FB voltage to decrease, A1’s
output increases. Switch current is regulated directly on a
cycle-by-cycle basis by the VC node. The flip flop is set at
the beginning of each switch cycle, turning on the switch.
When the summation of a signal representing switch
current and a ramp generator (introduced to avoid
subharmonic oscillations at duty factors greater than
OPERATIO
50%) exceeds the VC signal, comparator A2 changes
state, resetting the flip flop and turning off the switch.
More power is delivered to the output as switch current is
increased. The output voltage, attenuated by external
resistor divider R1 and R2, appears at the FB pin, closing
the overall loop. Frequency compensation is provided
internally by RC and CC. Transient response can be opti-
mized by the addition of a phase lead capacitor CPL in
parallel with R1 in applications where large value or low
ESR output capacitors are used.
As the load current is decreased, the switch turns on for a
shorter period each cycle. If the load current is further
decreased, the converter will skip cycles to maintain
output voltage regulation. If the FB pin voltage is increased
significantly above 1.23V, the LT1613 will enter a low
power state where quiescent current falls to approxi-
mately 100
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com