Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1613 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1613 Datasheet HTML 2Page - Linear Technology LT1613 Datasheet HTML 3Page - Linear Technology LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology LT1613 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1613
OPERATIO
Table 1 lists several inductors that will work with the
LT1613, although this is not an exhaustive list. There are
many magnetics vendors whose components are suitable
for use.
Diodes
A Schottky diode is recommended for use with the LT1613.
The Motorola MBR0520 is a very good choice. Where the
input to output voltage differential exceeds 20V, use the
MBR0530 (a 30V diode). If cost is more important than
efficiency, the 1N4148 can be used, but only at low current
loads.
Capacitors
The input bypass capacitor must be placed physically
close to the input pin. ESR is not critical and in most cases
an inexpensive tantalum is appropriate.
The choice of output capacitor is far more important. The
quality of this capacitor is the greatest determinant of the
output voltage ripple. The output capacitor must have
enough capacitance to satisfy the load under transient
conditions and it must shunt the switched component of
current coming through the diode. Output voltage ripple
results when this switched current passes through the
finite output impedance of the output capacitor. The
capacitor should have low impedance at the 1.4MHz
switching frequency of the LT1613. At this frequency, the
impedance is usually dominated by the capacitor’s equiva-
lent series resistance (ESR). Choosing a capacitor with
lower ESR will result in lower output ripple.
Ceramic capacitors can be used with the LT1613 provided
loop stability is considered. A tantalum capacitor has
some ESR and this causes an “ESR zero” in the regulator
loop. This zero is beneficial to loop stability. The internally
compensated LT1613 does not have an accessible com-
pensation node, but other circuit techniques can be em-
ployed to counteract the loss of the ESR zero, as detailed
in the next section.
Some capacitor types appropriate for use with the LT1613
are listed in Table 2.
OPERATION WITH CERAMIC CAPACITORS
Because the LT1613 is internally compensated, loop sta-
bility must be carefully considered when choosing an
output capacitor. Small, low cost tantalum capacitors
have some ESR, which aids stability. However, ceramic
capacitors are becoming more popular, having attractive
characteristics such as near-zero ESR, small size and
reasonable cost. Simply replacing a tantalum output ca-
pacitor with a ceramic unit will decrease the phase margin,
in some cases to unacceptable levels. With the addition of
a phase lead capacitor (CPL) and isolating resistor (R3),
the LT1613 can be used successfully with ceramic output
capacitors as described in the following figures.
A boost converter, stepping up 2.5V to 5V, is shown in
Figure 5. Tantalum capacitors are used for the input and
output (the input capacitor is not critical and has little
Table 1. Inductor Vendors
VENDOR
PHONE
URL
PART
COMMENT
Sumida
(847) 956-0666
www.sumida.com
CLS62-22022
22
µH Coupled
CD43-220
22
µH
Murata
(404) 436-1300
www.murata.com
LQH3C-220
22
µH, 2mm Height
LQH3C-100
10
µH
LQH3C-4R7
4.7
µH
Coiltronics
(407) 241-7876
www.coiltronics.com
CTX20-1
20
µH Coupled, Low DCR
Table 2. Capacitor Vendors
VENDOR
PHONE
URL
PART
COMMENT
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
Ceramic Caps
X5R Dielectric
AVX
(803) 448-9411
www.avxcorp.com
Ceramic Caps
Tantalum Caps
Murata
(404) 436-1300
www.murata.com
Ceramic Caps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com