Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1613 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1613 Datasheet HTML 3Page - Linear Technology LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology LT1613 Datasheet HTML 10Page - Linear Technology LT1613 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1613
OPERATIO
resulting in a severely underdamped response. By adding
R3 and CPL as detailed in Figure 8’s schematic, phase
margin is restored, and transient response to the same
load step is pictured in Figure 9. R3 isolates the device FB
pin from fast edges on the VOUT node due to parasitic PC
trace inductance.
Figure 10’s circuit details a 5V to 12V boost converter,
delivering up to 130mA. The transient response to a load
step of 10mA to 130mA, without CPL, is pictured in
Figure 11. Although the ringing is less than that of the
previous example, the response is still underdamped and
can be improved. After adding R3 and CPL, the improved
transient response is detailed in Figure 12.
Figure 13 shows a SEPIC design, converting a 3V to 10V
input to a 5V output. The transient response to a load step
of 20mA to 120mA, without CPL and R3, is pictured in
Figure 14. After adding these two components, the im-
proved response is shown in Figure 15.
effect on loop stability, as long as minimum capacitance
requirements are met). The transient response to a load
step of 50mA to 100mA is pictured in Figure 6. Note the
“double trace,” due to the ESR of C2. The loop is stable and
settles in less than 100
µs. In Figure 7, C2 is replaced by a
10
µF ceramic unit. Phase margin decreases drastically,
VIN
VOUT
5V
1613 F05
SW
L1
10
µH
D1
GND
LT1613
C1: AVX TAJA156M010R
C2: AVX TAJA226M006R
D1: MOTOROLA MBR0520
L1: MURATA LQH3C100
R2
12.1k
R1
37.4k
FB
SHDN
C1
15
µF
VIN
2.5V
+
C2
22
µF
+
SHDN
Figure 5. 2.5V to 5V Boost Converter with “A”
Case Size Tantalum Input and Output Capacitors
VIN
VOUT
5V
CPL
330pF
1613 F08
SW
L1
10
µH
D1
GND
LT1613
C1: AVX TAJA156M010R
C2: TAIYO YUDEN LMK325BJ106MN
D1: MBR0520
L1: MURATA LQH3C100K04
R2
12.1k
R3
10k
R1
37.4k
FB
SHUTDOWN
C1
15
µF
VIN
2.5V
C2
10
µF
SHDN
+
VOUT
20mV/DIV
AC COUPLED
LOAD CURRENT
100mA
50mA
200
µs/DIV
1613 F06
Figure 6. 2.5V to 5V Boost Converter Transient
Response with 22
µF Tantalum Output Capacitor.
Apparent Double Trace on VOUT Is Due to Switching
Frequency Ripple Current Across Capacitor ESR
VOUT
20mV/DIV
AC COUPLED
LOAD CURRENT
100mA
200
µs/DIV
1613 F07
50mA
Figure 7. 2.5V to 5V Boost Converter with
10
µF Ceramic Output Capacitor, No CPL
Figure 8. 2.5V to 5V Boost Converter with Ceramic
Output Capacitor. CPL Added to Increase Phase Margin,
R3 Isolates FB Pin from Fast Edges
VOUT
20mV/DIV
AC COUPLED
LOAD CURRENT
100mA
200
µs/DIV
1613 F09
50mA
Figure 9. 2.5V to 5V Boost Converter with 10
µF Ceramic
Output Capacitor, 330pF CPL and 10k in Series with FB Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com