Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1683 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 2 Page - Linear Technology

  LT1683 Datasheet HTML 1Page - Linear Technology LT1683 Datasheet HTML 2Page - Linear Technology LT1683 Datasheet HTML 3Page - Linear Technology LT1683 Datasheet HTML 4Page - Linear Technology LT1683 Datasheet HTML 5Page - Linear Technology LT1683 Datasheet HTML 6Page - Linear Technology LT1683 Datasheet HTML 7Page - Linear Technology LT1683 Datasheet HTML 8Page - Linear Technology LT1683 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1683
1683f
(Note 1)
Supply Voltage (VIN) ................................................ 20V
Gate Drive Current ..................................... Internal Limit
V5 Current ................................................. Internal Limit
SHDN Pin Voltage .................................................... 20V
Feedback Pin Voltage (Trans. 10ms) ......................
±10V
Feedback Pin Current ............................................ 10mA
Negative Feedback Pin Voltage (Trans. 10ms) ........
±10V
CS Pin .......................................................................... 5V
GCL Pin ..................................................................... 16V
SS Pin .......................................................................... 3V
Operating Junction Temperature Range
(Note 3) ............................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1683EG
LT1683IG
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 150°C, θJA = 110°C/ W
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VC = 0.9V, VFB = VREF, RVSL, RCSL = 16.9k, RT = 16.9k and
other pins open unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifiers
VREF
Reference Voltage
Measured at Feedback Pin
q
1.235
1.250
1.265
V
IFB
Feedback Input Current
VFB = VREF
q
250
1000
nA
FBREG
Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 20V
q
0.012
0.03
%/V
VNFR
Negative Feedback Reference Voltage
Measured at Negative Feedback Pin
q
– 2.56
– 2.500
– 2.45
V
with Feedback Pin Open
INFR
Negative Feedback Input Current
VNFB = VNFR
–37
– 25
µA
NFBREG
Negative Feedback Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 20V
q
0.009
0.03
%/V
gm
Error Amplifier Transconductance
∆IC = ±50µA
1100
1500
2200
µmho
q
700
2500
µmho
IESK
Error Amp Sink Current
VFB = VREF + 150mV, VC = 0.9V
q
120
200
350
µA
IESRC
Error Amp Source Current
VFB = VREF – 150mV, VC = 0.9V
q
120
200
350
µA
VCLH
Error Amp Clamp Voltage
High Clamp, VFB = 1V
1.27
V
VCLL
Error Amp Clamp Voltage
Low Clamp, VFB = 1.5V
0.12
V
AV
Error Amplifier Voltage Gain
180
250
V/V
FBOV
FB Overvoltage Shutdown
Outputs Drivers Disabled
1.47
V
ISS
Soft-Start Charge Current
VSS = 1V
9.0
12
µA
1
2
3
4
5
6
7
8
9
10
TOP VIEW
G PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
GATE A
CAP A
GCL
CS
V5
SYNC
CT
RT
FB
NFB
PGND
GATE B
CAP B
VIN
RVSL
RCSL
SHDN
SS
VC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com