Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1683 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 3 Page - Linear Technology

  LT1683 Datasheet HTML 1Page - Linear Technology LT1683 Datasheet HTML 2Page - Linear Technology LT1683 Datasheet HTML 3Page - Linear Technology LT1683 Datasheet HTML 4Page - Linear Technology LT1683 Datasheet HTML 5Page - Linear Technology LT1683 Datasheet HTML 6Page - Linear Technology LT1683 Datasheet HTML 7Page - Linear Technology LT1683 Datasheet HTML 8Page - Linear Technology LT1683 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1683
1683f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VC = 0.9V, VFB = VREF, RVSL, RCSL = 16.9k, RT = 16.9k and
other pins open unless otherwise noted.
Oscillator and Sync
fMAX
Max Switch Frequency
250
kHz
fSYNC
Synchronization Frequency Range
Oscillator Frequency = 250kHz
290
kHz
VSYNC
SYNC Pin Input Threshold
q
0.7
1.4
2.0
RSYNC
SYNC Pin Input Resistance
40
k
Ω
Gate Drives (Specifications Apply to Either A or B Unless Otherwise Noted)
DCMAX
Maximum Switch Duty Cycle
RVSL = RCSL = 4.85k,
q
45
46
%
Osc Frequency = 25kHz
VGON
Gate On Voltage
VIN = 12, GCL = 12
10
10.4
10.7
V
VIN = 12, GCL = 8
7.6
7.9
8.1
V
VGOFF
Gate Off Voltage
VIN = 12V
0.2
0.35
V
IGSO
Max Gate Source Current
VIN = 12V
0.3
A
IGSK
Max Gate Sink Current
VIN = 12V
0.3
A
VINUVLO
Gate Drive Undervoltage Lockout (Note 5)
VGCL = 6.5V, Gates Enabled
7.3
7.5
V
Current Sense
tIBL
Switch Current Limit Blanking Time
100
ns
VSENSE
Sense Voltage Shutdown Voltage
VC Pulled Low
q
86
103
120
mV
VSENSEF
Sense Voltage Fault Threshold
q
230
300
mV
Slew Control (for the Following Slew Tests See Test Circuit in Figure 1b)
VSLEWR
Output Voltage Slew Rising Edge
RVSL = RCSL = 17k
26
V/
µs
VSLEWF
Output Voltage Slew Falling Edge
RVSL = RCSL = 17k
19
V/
µs
VISLEWR
Output Current Slew Rising Edge (CS Pin Voltage)
RVSL = RCSL = 17k
2.1
V/
µs
VISLEWF
Output Current Slew Falling Edge (CS Pin Voltage)
RVSL = RCSL = 17k
2.1
V/
µs
Supply and Protection
VINMIN
Minimum Input Voltage (Note 4)
VGCL = VIN
q
2.55
3.6
V
IVIN
Supply Current (Note 2)
RVSL = RCSL = 17k, VIN = 12
q
25
45
mA
RVSL = RCSL = 17k, VIN = 20
q
35
55
mA
VSHDN
Shutdown Turn-On Threshold
q
1.31
1.39
1.48
V
∆VSHDN
Shutdown Turn-On Voltage Hysteresis
q
50
110
180
mV
ISHDN
Shutdown Input Current Hysteresis
q
10
24
35
µA
V5
5V Reference Voltage
6.5V
≤ VIN ≤ 20V, IV5 = 5mA
4.85
5
5.20
V
6.5V
≤ VIN ≤ 20V, IV5 = –5mA
4.80
5
5.15
V
IV5SC
5V Reference Short-Circuit Current
VIN = 6.5V Source
10
mA
VIN = 6.5V Sink
–10
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Supply current specification includes loads on each gate as in
Figure 1a. Actual supply currents vary with operating frequency, operating
voltages, V5 load, slew rates and type of external FET.
Note 3: The LT1683E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 125°C operating range
are assured by design, characterization and correlation with statistical
process controls. The LT1683I is guaranteed and tested over the – 40
° to
125
° operating temperature range.
Note 4: Output gate drivers will be enabled at this voltage. The GCL
voltage will also determine drivers’ activity.
Note 5: Gate drivers are ensured to be on when VIN is greater than the
maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com