Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1683 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1683 Datasheet HTML 16Page - Linear Technology LT1683 Datasheet HTML 17Page - Linear Technology LT1683 Datasheet HTML 18Page - Linear Technology LT1683 Datasheet HTML 19Page - Linear Technology LT1683 Datasheet HTML 20Page - Linear Technology LT1683 Datasheet HTML 21Page - Linear Technology LT1683 Datasheet HTML 22Page - Linear Technology LT1683 Datasheet HTML 23Page - Linear Technology LT1683 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LT1683
1683f
MOSFET Selection
There is a wide variety of MOSFETs to choose from for this
part. The part will work with either normal threshold (3V to
4V) or logic level threshold devices (1V to 2V).
Select a voltage rating to insure under worst-case condi-
tions that the MOSFET will not break down. Next choose an
RON sufficiently low to meet both the power dissipation
capabilities of the MOSFET package as well as overall
efficiency needs of the converter.
The LT1683 can handle a large range of gate charges.
However at very large charge stability may be affected.
The power dissipation in the MOSFET depends on several
factors. The primary element is I2R heating when the
device is on. In addition, power is dissipated when the
device is slewing. An estimate for power dissipation is:
PV
I
I
I
VR
I
I
V
fI
R
DC
IN
SR
IN
ON
SR
ON
=
+ ∆
+
−+
∆


+
•
•
•
••
•
2
2
22
2
2
2
4
3
4
where I is the average current,
∆I is the ripple current in the
switch, ISR is the current slew rate, VSR is the voltage slew
rate, f is the oscillator frequency, DC is the duty cycle and
RON is the MOSFET on-resistance.
Setting GCL Voltage
Setting the voltage on the GCL pin depends on what type
of MOSFET is used and the desired gate drive undervolt-
age lockout voltage.
First determine the maximum gate drive that you require.
Typically you will want it to be at least 2V greater than the
maximum threshold. Higher voltages will lower the on
resistance and increase efficiency. Be certain to check the
maximum allowed gate voltage. Often this is 20V but for
some logic threshold MOSFETs it is only 8V to 10V.
VGCL needs to be set approximately 0.2V above the desired
max gate threshold. In addition VIN needs to be at least
1.6V above the gate voltage.
The GCL pin can be tied to VIN which will result in a
maximum gate voltage of VIN – 1.6V.
This pin also controls undervoltage lockout of the gate
drives. The undervoltage lockout will prevent the MOSFETs
from switching until there is sufficient drive present.
If GCL is tied to a voltage source or Zener less than 6.8V,
the gate drivers will not turn on until VIN exceeds the GCL
voltage by 0.8V. For VGCL above 6.5V, the gate drives are
insured to be off for VIN < 7.3V and they will be turned on
by VGCL + 0.8V.
If GCL is tied to VIN, the gate drivers are always on
(undervoltage lockout is disabled).
Approximately 50
µA of current can be sourced from this
pin if VIN > VGCL + 0.8V. This could be used to bias a Zener.
The GCL pin has an internal 19V Zener to ground that will
provide a failsafe for maximum gate voltage.
As an example say we are using a Siliconix Si4480DY
which has RDS(ON) rated at 6V. To get 6V, VGCL needs to be
set to 6.2V and VIN needs to be at least 7.6V.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com