Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1676CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1676CS8
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1676CS8 Datasheet HTML 8Page - Linear Technology LT1676CS8 Datasheet HTML 9Page - Linear Technology LT1676CS8 Datasheet HTML 10Page - Linear Technology LT1676CS8 Datasheet HTML 11Page - Linear Technology LT1676CS8 Datasheet HTML 12Page - Linear Technology LT1676CS8 Datasheet HTML 13Page - Linear Technology LT1676CS8 Datasheet HTML 14Page - Linear Technology LT1676CS8 Datasheet HTML 15Page - Linear Technology LT1676CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1676
TYPICAL APPLICATIONS
Figure 4a. Minimum Component Count Application
Figure 4b. POUT/PIN Efficiency
C1: PANASONIC HFQ
C2: AVX D CASE TPSD107M010R0080
C4, C5: X7R OR COG/NPO
D1: MOTOROLA 100V, 1A, SMD SCHOTTKY
L1: COILCRAFT DO3316P-224
C1
39
µF
63V
1676 F04a
VIN
12V TO
48V
+
C2
100
µF
10V
+
D1
MBRS1100
R1
36.5k
1%
VOUT
5V
0mA to 500mA
R2
12.1k
1%
R3
22k
5%
L1
220
µH
C3
2200pF
X7R
C4
100pF
C5
100pF
FOR 3.3V VOUT VERSION:
R1: 24.3K, R2: 14.7k
L1: 150
µH, DO3316P-154
IOUT: 0mA TO 500mA
VIN
VCC
VSW
LT1676
FB
VC
SHDN
SYNC
2
5
4
3
7
8
1
6
GND
ILOAD (mA)
1
60
70
80
90
10
100
1000
1676 F04b
50
40
30
20
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
C1
1676 F05
VIN
+
C2
+
D1
R1
VOUT
R2
R3
L1
C3
R4
210k
1%
R5
6.19k
1%
C4
C5
VIN
VCC
VSW
LT1676
FB
VC
SHDN
SYNC
2
5
4
3
7
8
1
6
GND
Figure 5. User Programmable Undervoltage Lockout
desired VIN UVLO voltage minus 1.25V applied across it.
(The 2.5
µA factor is an allowance to minimize error due to
SHDN pin input current.)
Behavior is as follows: Normal operation is observed at the
nominal input voltage of 48V. As the input voltage is
decreased to roughly 43V, switching action will stop, VOUT
will drop to zero, and the LT1676 will draw its VIN and VCC
quiescent currents from the VIN supply. At a much lower
input voltage, typically 18V or so at 25
°C, the voltage on
the SHDN pin will drop to the shutdown threshold, and the
part will draw its shutdown current only from the VIN rail.
The resistive divider of R4 and R5 will continue to draw
power from VIN. (The user should be aware that while the
SHDN pin
lockout threshold is relatively accurate includ-
ing temperature effects, the SHDN pin
shutdown thresh-
old is more coarse, and exhibits considerably more
temperature drift. Nevertheless the shutdown threshold
will always be well below the lockout threshold.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com