Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1676CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1676CS8
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1676CS8 Datasheet HTML 8Page - Linear Technology LT1676CS8 Datasheet HTML 9Page - Linear Technology LT1676CS8 Datasheet HTML 10Page - Linear Technology LT1676CS8 Datasheet HTML 11Page - Linear Technology LT1676CS8 Datasheet HTML 12Page - Linear Technology LT1676CS8 Datasheet HTML 13Page - Linear Technology LT1676CS8 Datasheet HTML 14Page - Linear Technology LT1676CS8 Datasheet HTML 15Page - Linear Technology LT1676CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1676
TYPICAL APPLICATIONS
VIN
C1
NC
Q1
PN2484
Q2
2N2369
1676 F08
V +
1
2
3
5
4
VIN
V –
U3
7S02
INA+
INB–
U2
LTC1442
REF
HYST
OUTA
OUTB
+
C2
+
D1
R1
39k
VOUT
5V
R2
10k
R5
22k
R6
2.4M
L1
R3
323k
1%
R4
100k
1%
R8
6.8M
R9
240k
C3
R7
10M
C1: PANASONIC HFQ 39
µF AT 63V
C2: AVX D CASE 100
µF 10V
TPSD107M010R0080
D1: MOTOROLA 100V, 1A,
SMD SCHOTTKY
MBRS1100 (T3)
L1: COILCRAFT DO3316-224
VIN
VCC
VSW
U1
LT1676
FB
VC
SHDN
SYNC
2
5
4
3
7
8
6
1
GND
Figure 8. Burst Mode Operation Configuration with Micropower UVLO
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
N8 1197
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
SO8 0996
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com