Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1676CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1676CS8
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1676CS8 Datasheet HTML 8Page - Linear Technology LT1676CS8 Datasheet HTML 9Page - Linear Technology LT1676CS8 Datasheet HTML 10Page - Linear Technology LT1676CS8 Datasheet HTML 11Page - Linear Technology LT1676CS8 Datasheet HTML 12Page - Linear Technology LT1676CS8 Datasheet HTML 13Page - Linear Technology LT1676CS8 Datasheet HTML 14Page - Linear Technology LT1676CS8 Datasheet HTML 15Page - Linear Technology LT1676CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1676
TYPICAL APPLICATIONS
Minimum Size Inductor Application
Figure 4a employs power path parts that are capable of
delivering the full rated output capability of the LT1676.
Potential users with low output current requirements may
be interested in substituting a physically smaller and less
costly power inductor. The circuit shown on the last page
of this data sheet is topologically identical to the basic
application, but specifies a much smaller inductor, and, a
somewhat smaller input electrolytic capacitor. This circuit
is capable of delivering up to 150mA at 5V, or, up to 200mA
at 3.3V. The only disadvantage is that due to the increased
resistance in the inductor, the circuit is no longer capable
of withstanding indefinite short circuits to ground. The
LT1676 will still current limit at its nominal ILIM value, but
this will overheat the inductor. Momentary short circuits
of a few seconds or less can still be tolerated.
(a)
(b)
ILOAD (mA)
1
60
70
80
90
10
100
1000
1676 F07b
50
40
30
20
VIN = 12V
VIN = 36V
VIN = 48V
VIN = 24V
VIN
C1
NC
Q1
PN2484
Q2
2N2369
1676 F07a
V +
V –
IN +
IN –
U2
LTC1440
REF
HYST
OUT
3
7
1
2
4
6
5
8
GND
+
C2
+
D1
R1
39k
5%
VOUT
5V
R2
10k
5%
R5
22k
R6
2.4M
L1
R3
323k
1%
R4
100k
1%
C3
100pF
R7
10M
C1: PANASONIC HFQ 39
µF AT 63V
C2: AVX D CASE 100
µF 10V
TPSD107M010R0080
D1: MOTOROLA 100V, 1A,
SMD SCHOTTKY
MBRS1100 (T3)
L1: COILCRAFT DO3316-224
VIN
VCC
VSW
U1
LT1676
FB
VC
SHDN
SYNC
2
5
4
3
7
8
6
1
GND
Figure 7. Burst Mode Operation Configuration for High Efficiency at Light Load
to maintain proper short-circuit protection. Transistors
Q1, Q2 and resistor R7 form a high VIN, low quiescent
current voltage regulator to power U2.
Burst Mode Operation Configuration with UVLO
Figure 7a uses an external comparator to control the
LT1676 via its SHDN pin. As such, the user’s ability to set
an undervoltage lockout (UVLO) threshold with a resistor
divider from VIN to SHDN pin to ground is lost. This ability
is regained in the slightly more complicated circuit shown
in Figure 8.
A dual comparator, the LTC1442, replaces the previous
single comparator. The second comparator monitors a
resistive divider between VIN and ground to provide the
(user-adjustable) UVLO function. The two comparator
outputs are logically combined in a CMOS NOR gate (U3)
to drive the LT1676 SHDN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com