Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1684CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1684CS
Description  Micropower Ring Tone Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1684CS Datasheet HTML 8Page - Linear Technology LT1684CS Datasheet HTML 9Page - Linear Technology LT1684CS Datasheet HTML 10Page - Linear Technology LT1684CS Datasheet HTML 11Page - Linear Technology LT1684CS Datasheet HTML 12Page - Linear Technology LT1684CS Datasheet HTML 13Page - Linear Technology LT1684CS Datasheet HTML 14Page - Linear Technology LT1684CS Datasheet HTML 15Page - Linear Technology LT1684CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1684
1684f LT/TP 0300 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
5V Input Nonisolated 5 REN Ring Generator
IN B
C1
100pF
C2
100pF
PWM
INPUT
+
VIN
5V
–
R4
10k
LT1684
COMP1
COMP2
LIM–
V–
GATE–
ATREF
IN A
BGOUT
AMPIN
GATE+
V+
LIM+
OUT
C3 100pF
C4 20pF
R2
10k
R3
5k
FB1
C8
1
µF
C13 0.1
µF
R1
2k
C5
4700pF
C7
6.8nF
160V
C6
6.8nF
160V
R6
3k
D1
1N4001
DS2
D1N5817
DS1
MBRS1100
DZ1
60V
MMSZ5264BT1
–100V
100V
R5
300k
R10
100k
M2
IRF9610
R7
100
Ω
R9
100k
R8
100
Ω
M1
IRF610
C11
0.47
µF
160V
C10
0.47
µF
160V
T1
COILTRONICS
CTX 14468-X1
12
10
9
7
4, 5
1, 2
+
+
C12
220
µF
35V
+
D2
MURS160T3
D3
MURS160T3
VIN
FB
SW
VC
LT1271
U1
GND
4
1
5
2
3
VCC
+IN B
OUT A
VEE
LT1211
1
4
8
OUT B
–IN A
27
–IN B
+IN A
36
5
C9
0.1
µF
R11
470
Ω
R12
5k
D4
D1N4148
D5
D1N4148
R15
12k
R16
1M
R13
12k
R14
1M
RING TONE
OUT
1684 TA02
•
•
•
FB1: FERRONICS FMB1601
(716) 388-1020
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1082
1A High Voltage Switching Regulator
VIN = 3V to 75V, SW Voltage = 100V
LT1166
Power Output Stage Automatic Bias System
Sets Class AB Bias Currents, Eliminates Adjustments
and Thermal Runaway
LTC1177-5/LTC1177-12
Isolated MOSFET Drivers
2500VRMS Isolation, UL Recognized
LT1270
8A Power Switching Regulator
VIN = 3.5V to 30V, IQ = 7mA
LT1271
4A Power Switching Regulator
VIN = 3.5V to 30V, IQ = 7mA
LT1339
High Power Synchronous DC/DC Controller
Operation Up to 60V, Output Current Up to 50A
LT1676
Wide Input Range, High Efficiency, Step-Down Switching Regulator
Operation Up to 60V, 100kHz, Up to 500mA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com