Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1684CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1684CS
Description  Micropower Ring Tone Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684CS Datasheet(HTML) 1 Page - Linear Technology

  LT1684CS Datasheet HTML 1Page - Linear Technology LT1684CS Datasheet HTML 2Page - Linear Technology LT1684CS Datasheet HTML 3Page - Linear Technology LT1684CS Datasheet HTML 4Page - Linear Technology LT1684CS Datasheet HTML 5Page - Linear Technology LT1684CS Datasheet HTML 6Page - Linear Technology LT1684CS Datasheet HTML 7Page - Linear Technology LT1684CS Datasheet HTML 8Page - Linear Technology LT1684CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1684
Micropower
Ring Tone Generator
s
Allows Dynamic Control of Output Frequency,
Cadence, Amplitude and DC Offset
s
Active Tracking Supply Configuration Allows Linear
Generation of Ring Tone Signal
s
No High Voltage Post-Filtering Required
s
Capacitive Isolation Eliminates Optocouplers
s
Low Distortion Output Meets International
PTT Requirements
s
Differential Input Signal for Noise Immunity
s
User Adjustable Active Output Current Limit
s
Powered Directly From High Voltage Ringer
Supply—No Additional Supplies Necessary
s
Supply Current: < 1mA
s
2% Signal Amplitude Reference
s
Available in 14-Pin SO and DIP Packages
The LT
®1684 is a telecommunication ring tone generator.
The IC takes a user-generated pulse width modulated
(PWM) input and converts it to a high voltage sine wave
suitable for telephone ringing applications.
The LT1684 receives capacitor-isolated differential PWM
input signals encoded with desired ring output cadence,
frequency, and amplitude information. The LT1684 nor-
malizes the pulse amplitude to
±1.25V for an accurate
signal voltage reference. The cadence, frequency and
amplitude information is extracted using a multiple-
pole active filter/amplifier, producing the output ring tone
signal.
The LT1684 uses its own ring tone output as a reference
for generating local supply rails using complementary
high voltage external MOSFETs as dynamic level-shifting
devices. This “active tracking” supply mode of operation
allows linear generation of the high voltage ring tone
signal, reducing the need for large high voltage filtering
elements.
s
Wireless Local Loop Telephones
s
Key System/PBX Equipment
s
Fiber to the Curb Telecom Equipment
IN A
GATE+
IN B
6.8nF
IRF9610
IRF610
100k
V+
P1
µC
P2
LIM+
OUT
BGOUT
ATREF
COMP1
COMP2
AMPIN
LIM–
V–
GATE–
100pF
1N4001
20pF
100pF
100pF
DC
ISOLATION
PWM
CONTROLLER
100
Ω
10k
10k
1N5817
0.1
µF
1
µF
3k
5k
2k
300k
6.8nF
100k
100
Ω
RING TONE
OUTPUT
±100mA
CAPABILITY
100V
+
–
–100V
LT1684
4700pF
1684 TA01
FB1
()
FB1: FERRONICS FMB1601
(716) 388-1020
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
Electrically Isolated Ring Tone Generator


Similar Part No. - LT1684CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1684 LINER-LT1684 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
More results

Similar Description - LT1684CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
DUAL TONE MULTIFREQUENCY GENERATOR
Nov-1988
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
Holtek Semiconductor In...
HT2830 HOLTEK-HT2830 Datasheet
989Kb / 15P
Up/Down Tone Generator
9th July 97
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
S2559F ETC1-S2559F Datasheet
394Kb / 9P
DTMF Tone Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
11th July 97
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
DUAL TONE MELODY GENERATOR
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
logo
Exar Corporation
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
Micropower Tone Decoder
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com