Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1684CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1684CS
Description  Micropower Ring Tone Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1684CS Datasheet HTML 2Page - Linear Technology LT1684CS Datasheet HTML 3Page - Linear Technology LT1684CS Datasheet HTML 4Page - Linear Technology LT1684CS Datasheet HTML 5Page - Linear Technology LT1684CS Datasheet HTML 6Page - Linear Technology LT1684CS Datasheet HTML 7Page - Linear Technology LT1684CS Datasheet HTML 8Page - Linear Technology LT1684CS Datasheet HTML 9Page - Linear Technology LT1684CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1684
BGOUT (Pin 13): Normalized PWM Buffered Output. PWM
differential input is amplitude normalized to
±1.25V (refer-
enced to the OUT pin). This signal is used to drive the
active filter/amplifier. Filter resistor values must be chosen
to limit the maximum current load on this pin to less than
2mA. The output is current limit protected to a typical value
of
±4.5mA.
IN A (Pin 14): PWM Positive Input. Input is isolated from
digital source by ~100pF series capacitor. A 10k resistor
should be connected to the IN A pin in series with the
isolation capacitor for transient protection. The PWM
receiver implements a diode forward drop of input hyster-
esis (relative to IN B). This hysteresis and internal signal
limiting assure common mode glitch rejection with isola-
tion capacitor mismatches up to 2:1. For maximum perfor-
mance, however, effort should be made to match the two
PWM input isolation capacitors. Pin IN A is differentially
clamped to pin IN B through back-to back isolation-base
diodes. This results in a high impedance differential input
±100mV beyond the input thresholds. 5k internal input
resistors yield a 10k (nominal) differential overdrive im-
pedance.
LT1684 Block Diagram
5k
10k
IN A
100pF
+
5k
10k
IN B
100pF
–
PWM
INPUT
5k
AMPIN
20pF
(RING RETURN)
100pF
FILTER
ELEMENTS
BGOUT
COMP1
COMP2
RING
OUTPUT
15k
CURRENT
LIMIT
GATE–
LIM–
V–
V –
V+
OUT
LIM+
ATREF
14V
14V
GATE+
V+
1684 BD
1.25V
–1.25V
PI FU CTIO S
FUNCTIONAL BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com