Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2830 Datasheet (PDF) - Holtek Semiconductor Inc

HT2830 Datasheet PDF - Holtek Semiconductor Inc
Part # HT2830
Download  HT2830 Download
File Size   989.06 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Up/Down Tone Generator

HT2830 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT2830 Datasheet PDF - Holtek Semiconductor Inc

Part # HT2830
Download  HT2830 Click to download

File Size   989.06 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Up/Down Tone Generator

HT2830 Datasheet (HTML) - Holtek Semiconductor Inc


HT2830 Product details

General Description
The HT2830 is a CMOS LSI chip designed for use in sound effect products. It is a body structure including tone circuit, noise circuit, an updown counter, and other control logic to generate various sounds such as JET plane, motorcycle, helicopter, train, and so forth. Features from the customer’s sound samples can be analyzed and programmed into an internal ROM by changing a mask layer during device fabrication. The HT2830 is suitable for various toy applications.

Features
• Single power supply: 2.4V~3.3V
• Low standby current: 1µA (Typ.) at VDD=3V
• Speaker or direct piezo application
• Sound output: one Main Tone plus two Fighting Sounds (1,2)
• Two direct LED drive outputs (The flash rate depends on the sound speed)
• Option mode selection: normal mode or auto mode (bonding option)
• Minimum external components




Similar Part No. - HT2830

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
logo
HYES Optoelectronics, I...
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
logo
Hotchip Technology Co.,...
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
More results


Similar Description - HT2830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
DUAL TONE MULTIFREQUENCY GENERATOR
Nov-1988
logo
Sames
SA9401 SAMES-SA9401 Datasheet
123Kb / 16P
UNIVERSAL PABX TONE GENERATOR
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
Linear Technology
LT1684 LINER-LT1684 Datasheet
221Kb / 16P
Micropower Ring Tone Generator
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
S2559F ETC1-S2559F Datasheet
394Kb / 9P
DTMF Tone Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
11th July 97
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
DUAL TONE MELODY GENERATOR
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com