Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2830 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT2830
Description  Up/Down Tone Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2830 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT2830 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pad No.
Pad Name
I/O
Description
20
TEST2
O
For IC test only
21
TEST4
I
For IC test only
(1) OPT1:
Bond pad 5
→
Main Tone 1
Bond pad 6
→
Main Tone 2
(2) OPT2:
Bond pad 10
→
Auto Mode
Bond Pad 11
→
Normal Mode
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V to 5V
Storage Temperature................. –50
°C to 125°C
Input Voltage..................VSS–0.3V to VDD+0.3V
Operating Temperature................... 0
°C to 70°C
*Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damageto the device. These are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied and exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.4
3
3.3
V
ISTB
Standby Current
3V
—
—
1
5
µA
IDD
Operating Current
3V
No load
—
—
150
µA
IOH
OUT Source Current
3V
VOH=2.5V
–2
—
—
mA
IOL1
OUT Sink Current
3V
VOL=0.5V
0.7
—
—
mA
IOL2
LED1 Sink Current
3V
VOL=1V
–8
—
—
mA
IOL3
LED2 Sink Current
3V
VOL=1V
–8
—
—
mA
VIH
“H” Input Voltage
3V
—
2.4
—
—
V
VOL
“L” Input Voltage
3V
—
—
—
0.6
V
FOSC
Oscillator Frequency
—
ROSC=62k
Ω
—256
—
kHz
HT2830
4
9th July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com