Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2830 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT2830
Description  Up/Down Tone Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2830 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT2830 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
1
–36.13
24.57
12
36.01
–40.46
2
–36.13
16.62
13
36.01
–33.96
3
–36.13
–26.09
14
36.01
–20.66
4
–36.13
–33.96
15
36.01
–0.88
5
–36.13
–40.46
16
36.01
24.24
6
–29.70
–40.46
17
36.01
40.46
7
–23.24
–40.46
18
–0.58
40.46
8
–13.35
–40.46
19
–20.13
40.46
9
13.46
–40.46
20
–28.24
40.46
10
20.66
–40.46
21
–36.25
40.46
11
27.18
–40.46
Pad Description
Pad No.
Pad Name
I/O
Description
1
SWAB
I
Fighting sound 1/2 toggle input, low active
2
SWB
I
Fighting sound 2 input, low active
3
SWUP
I
Main tone up input, low active
4
SWDN
I
Main tone down input, low active
5
VSS
—
Negative power supply, GND
6
OPT1
I
Main tone option
7
TEST6
I
For IC test only
8
SWA
I
Fighting sound 1 input, low active
9
TEST5
I
For IC test only
10
OPT2
I
Normal mode/auto mode option
11
VDD
—
Positive power supply
12
TEST3
O
For IC test only
13
LED1
O
LED flash output
14
LED2
O
LED flash output
15
OUT
O
Sound output
16
OUT
O
Sound output, out of phase to pad 15
17
TEST1
O
For IC test only
18
OSC2
O
Oscillator output
19
OSC1
I
Oscillator input
HT2830
3
9th July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com