Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2830 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT2830
Description  Up/Down Tone Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2830 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT2830 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2830 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HT2830
Up/Down Tone Generator
Pin Assignment
Features
•
Single power supply: 2.4V~3.3V
•
Low standby current: 1
µA (Typ.)
at VDD=3V
•
Speaker or direct piezo application
•
Sound output: one Main Tone plus two
Fighting Sounds (1,2)
•
Two direct LED drive outputs
(The flash rate depends on the sound speed)
•
Option mode selection: normal mode or auto
mode (bonding option)
•
Minimum external components
General Description
The HT2830 is a CMOS LSI chip designed for
use in sound effect products. It is a body struc-
ture including tone circuit, noise circuit, an up-
down counter, and other control logic to
generate various sounds such as JET plane,
motorcycle, helicopter, train, and so forth. Fea-
tures from the customer’s sound samples can be
analyzed and programmed into an internal
ROM by changing a mask layer during device
fabrication. The HT2830 is suitable for various
toy applications.
1
9th July ’97


Similar Part No. - HT2830

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
logo
HYES Optoelectronics, I...
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
logo
Hotchip Technology Co.,...
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
More results

Similar Description - HT2830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
DUAL TONE MULTIFREQUENCY GENERATOR
Nov-1988
logo
Sames
SA9401 SAMES-SA9401 Datasheet
123Kb / 16P
UNIVERSAL PABX TONE GENERATOR
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
Linear Technology
LT1684 LINER-LT1684 Datasheet
221Kb / 16P
Micropower Ring Tone Generator
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
S2559F ETC1-S2559F Datasheet
394Kb / 9P
DTMF Tone Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
11th July 97
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
DUAL TONE MELODY GENERATOR
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com