Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1680ISW Datasheet(PDF) 11 Page - Linear Technology

Part # LT1680ISW
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680ISW Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1680ISW Datasheet HTML 7Page - Linear Technology LT1680ISW Datasheet HTML 8Page - Linear Technology LT1680ISW Datasheet HTML 9Page - Linear Technology LT1680ISW Datasheet HTML 10Page - Linear Technology LT1680ISW Datasheet HTML 11Page - Linear Technology LT1680ISW Datasheet HTML 12Page - Linear Technology LT1680ISW Datasheet HTML 13Page - Linear Technology LT1680ISW Datasheet HTML 14Page - Linear Technology LT1680ISW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1680
additional current can be minimized by making the con-
nection through an external resistor (100k is typically used).
When shutting down the LT1680, the RUN/SHDN pin volt-
age must remain between the shutdown threshold (~1.13V)
and a minimum shutdown control limit voltage (see Fig-
ure 4) for a least 25
µs. If a digital input or fast moving
clamp is used, this can be achieved by forcing a shutdown
control voltage above the minimum limit or by using a
simple integrator to increase the fall time of the input sig-
nal. A single pole integrator stage must have a
τ ≥ (7)(10–5).
APPLICATIONS INFORMATION
TEMPERATURE (
°C)
500
600
700
800
– 40
– 20
0
20
1680 F04
40
60
80
Figure 4. Minimum Shutdown Control Limit vs Temperature
Figure 5 is an example of a digital control input clamp. A
logic high signal pulls the RUN/SHDN pin above its turn-
on threshold through the diode. When a shutdown (logic
low) signal is received, the RUN/SHDN pin is forced to
0.95V via the resistor divider until shutdown is fully estab-
lished and the 5VREF voltage collapses.
R1
43k
DIGITAL
INPUT
R2
10k
1N914
1680 F05
5VREF
LT1680
RUN/SHDN
Figure 6 is an example of a digital control integration stage
at the RUN/SHDN input. The integrator has a
τ = (10)(103)
• (10)(10–9) = (1.0)(10–4). This circuit technique, however,
delays initiation of controller shutdown about 125
µs from
the reception of the shutdown signal (5V – 0V transition).
Figure 5. Digital Input Shutdown Level Control
R1
10k
C1
10nF
DIGITAL
INPUT
1680 F06
RUN/SHDN
LT1680
Figure 6. Digital Input Shutdown Integration Control
Figure 7 is an example of an integrator stage coupled with
a 24V input power supply sequencing circuit similar to that
shown in Figure 3. The integrator stage allows use of an
active shutdown clamp for implementation of both user-
controlled shutdown and input power supply sequencing
protection.
Inductor Selection
The inductor for an LT1680 converter is selected based on
output power, operating frequency and efficiency require-
0.8V
1680 F08
2V
2.5V
(vl)
SYNC
VCT
(vh)
FREE RUN
SYNCHRONIZED
Figure 8. Free Run and Synchronized Oscillator
Waveforms (at CT Pin)
R1
160k
R2
10k
SHDN
R4
10k
R3
390k
VIN
24V
C1
10nF
1680 F07
LT1680
5VREF
RUN/SHDN
Figure 7. Input Supply Sequencing with
User-Controlled Shutdown
Oscillator Synchronization
The LT1680 oscillator generates a modified sawtooth
waveform at the CT pin between low and high thresholds
of 0.8V (vl) and 2.5V (vh) respectively. The oscillator can
be synchronized by driving a TTL level pulse into the SYNC
pin. This pin connects to a one shot circuit that reduces the
oscillator high threshold to 2V for about 200ns. The SYNC
input signal should have minimum on/off times of
≥1µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com