Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1680ISW Datasheet(PDF) 7 Page - Linear Technology

Part # LT1680ISW
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680ISW Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1680ISW Datasheet HTML 3Page - Linear Technology LT1680ISW Datasheet HTML 4Page - Linear Technology LT1680ISW Datasheet HTML 5Page - Linear Technology LT1680ISW Datasheet HTML 6Page - Linear Technology LT1680ISW Datasheet HTML 7Page - Linear Technology LT1680ISW Datasheet HTML 8Page - Linear Technology LT1680ISW Datasheet HTML 9Page - Linear Technology LT1680ISW Datasheet HTML 10Page - Linear Technology LT1680ISW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1680
RUN/SHDN (Pin 11): Precision Referenced Shutdown.
Can be used as logic level input for shutdown control or as
an analog monitor for input supply undervoltage protec-
tion, etc. IC is enabled when RUN/SHDN pin rising edge
exceeds 1.25V. 15mV of hysteresis helps assure stable
mode switching. All internal functions are disabled in
shutdown mode. If this function is not desired, connect
RUN/SHDN to 12VIN (typically through a 100k resistor).
See Applications Information.
PGND (Pin 12): Power Ground. References the output
switch and internal driver control circuits. Connect with
low impedance trace to VIN decoupling capacitor negative
(ground) terminal.
PIN FUNCTIONS
GATE (Pin 13): Driver Output. Connect to gate of external
power FET switch.
12VIN (Pin 14): 12V Power Supply Input. Bypass with at
least 1
µF to PGND.
SYNC (Pin 15): Oscillator Synchronization Pin with
TTL-Level Compatible Input. Input drives internal rising
edge triggered one shot; SYNC signal on/off times should
be
≥1µs (10% to 90% duty cycle at 100kHz). Does not
contain internal pull-up. Connect to SGND if not used.
5VREF (Pin 16): 5V Reference Output. Allows connection
of external loads up to 10mA DC. Reference is not available
during shutdown. Typically bypassed with at least 1
µF
capacitor to SGND.
REFERENCE
ONE SHOT
–
1.25V
Q
UVLO
CIRCUIT
SR
5VREF
5V
SYNC
GATE
SENSE +
SENSE –
IAVG
VIN
VOUT
RSENSE
12VIN
PGND
SGND
OSC
CT
RCT
CCT
VC
SL/ADJ
VREF
VFB
–
+
–
+
IC1
–
+
2.5V
1680 BD
–
+
EA
0.5
µA
CURRENT
SENSE
AMPLIFIER
SS
1.25V
CIRCUIT
ENABLE
RUN/SHDN
+
RUN SHDN
10
µA
SOFT START
12V
–
+
×15
VOUT
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com