Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1680ISW Datasheet(PDF) 16 Page - Linear Technology

Part # LT1680ISW
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680ISW Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1680ISW Datasheet HTML 8Page - Linear Technology LT1680ISW Datasheet HTML 9Page - Linear Technology LT1680ISW Datasheet HTML 10Page - Linear Technology LT1680ISW Datasheet HTML 11Page - Linear Technology LT1680ISW Datasheet HTML 12Page - Linear Technology LT1680ISW Datasheet HTML 13Page - Linear Technology LT1680ISW Datasheet HTML 14Page - Linear Technology LT1680ISW Datasheet HTML 15Page - Linear Technology LT1680ISW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1680
TYPICAL APPLICATION
– 48V to 5V 30W Forward Converter
220
µF
35V
5VREF
CT
IAVG
SS
SYNC
LT1680
SENSE +
RUN/SHDN
7
1
15
IRF640
MBR0520LT1
MBR2045CT
MBR2045CT
13
10
9
16
11
14
1
µF
0.1
µF
300pF
1.5nF
T1
L1
20
µH
1nF 0.1
µF
0.1
µF
L1: PHILIPS EFD20-3F3-E63-S
(CORE SET, AI = 63nH/T2)
OUTPUT 18T BIFILAR 22AWG
BIAS 54T BIFILAR 32AWG
T1: COILTRONICS VP5-1200, 1:1:1:1:1:1
(SIX WINDINGS EACH 77
µH)
*SANYO CV-GX
**SANYO OS-CON
ALL RESISTORS 1.4W, 1% UNLESS
INDICATED OTHERWISE
0.22
µF
2.2nF
16k
20k
78.7k
20k
1M
BAV21
L1
7.5k
10
Ω
24k
INPUT
COM
– 48V
INPUT
24k
24k
4.75k
1k
1680 TA03
2N7000
2N3904
23
4
5
6
12
8
12VIN
SENSE –
GATE
VC
VFB
SGND PGND
SL/ADJ
VREF
+
1.5nF
Q7
2N5401
330
µF**
6.3V
5V
6A
OUT
OUTPUT
COM
0.033
µF
33
Ω
4.22k
1.2k
33
Ω
0.015
Ω
1W
50
Ω
1W
1
µF
63V
1k
+
220
µF*
35V
+
220
µF*
35V
+
220
µF*
35V
+
220
µF*
35V
+
SW Package
16-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
PART NUMBER
DESCRIPTION
COMMENTS
LT1268
7.5A, 150kHz Switching Regulator
Integrated Switch Can Be Used in Isolated Flyback Mode
LT1270A
10A, 60kHz Switching Regulator
Integrated Switch Can Be Used in Isolated Flyback Mode
LT1339
High Power Synchronous DC/DC Controller
Operation to 60V, No Shoot-Through N-Channel Output Drivers
LT1370
500kHz, 6A Boost Switching Regulator
Integrated Switch, Regulates Positive or Negative Outputs
LT1371
500kHz, 3A Boost Switching Regulator
Integrated Switch, Regulates Positive or Negative Outputs
S16 (WIDE) 0396
NOTE 1
0.398 – 0.413*
(10.109 – 10.490)
16
15
14
13
12
11
10
9
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
1680f LT/TP 0298 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com