Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719CS6 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 4 Page - Linear Technology

  LT1719CS6 Datasheet HTML 1Page - Linear Technology LT1719CS6 Datasheet HTML 2Page - Linear Technology LT1719CS6 Datasheet HTML 3Page - Linear Technology LT1719CS6 Datasheet HTML 4Page - Linear Technology LT1719CS6 Datasheet HTML 5Page - Linear Technology LT1719CS6 Datasheet HTML 6Page - Linear Technology LT1719CS6 Datasheet HTML 7Page - Linear Technology LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1719
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Supply Current
vs Supply Voltage
Quiescent Supply Current
vs Temperature
Input Current
vs Differential Input Voltage
Propagation Delay
vs Supply Voltage
Propagation Delay
vs Temperature
Propagation Delay
vs Load Capacitance
Input Offset and Trip Voltages
vs Supply Voltage
Input Offset and Trip Voltages
vs Temperature
Input Common Mode Limits
vs Temperature
SUPPLY VOLTAGE, VCC = +VS (V)
2.5
3
2
1
0
–1
–2
–3
4.0
5.0
1719 G01
3.0
3.5
4.5
5.5
6.0
VTRIP
+
VOS
VTRIP
–
25
°C
VCM = 1V
VEE = GND
TEMPERATURE (
°C)
–3
–1
1
3
–2
0
2
– 20
20
60
100
1719 G02
140
–40
– 60
0
40
80
120
VTRIP
+
VOS
VTRIP
–
+VS = VCC = 5V
VCM = 1V
VEE = GND
TEMPERATURE (
°C)
–50
3.6
3.8
4.2
25
75
1719 G03
– 4.8
– 5.0
–25
0
50
100
125
– 5.2
– 5.4
4.0
+VS = VCC = 5V
VEE = –5V
DIFFERENTIAL INPUT VOLTAGE (V)
–5
–7
–6
–4
–3
–2
1234
2
1719 G04
–5
–4 –3 –2 –1
0
5
–1
0
1
25
°C
TEMPERATURE (˚C)
–50
25
1719 G05
2
–2
–25
0
50
–4
–6
8
6
IS
ICC
IEE
4
0
75
100
125
VCC = +VS = 5V
VEE = GND
SUPPLY VOLTAGE, VCC = +VS (V)
0
–3
2
5
2
4
5
1719 G06
1
0
–1
–2
4
3
1
3
6
IS
ICC
7
IEE
TEMPERATURE (
°C)
–50
7.5
25
1719 G08
6.0
5.0
–25
0
50
4.5
4.0
8.0
7.0
6.5
5.5
75
100
125
OVERDRIVE = 5mV
OVERDRIVE = 20mV
+VS = VCC = 3V
+VS = VCC = 5V
+VS = VCC = 3V
+VS = VCC = 5V
tPDLH
VCM = 1V
VSTEP = 100mV
CLOAD = 10pF
VEE = GND
SUPPLY VOLTAGE, +VS = VCC (V)
2.5
4.0
3.5
5.5
5.0
tTPLH
tTPLH
tTPHL
tTPHL
4.5
4.0
5.0
1719 G09
3.0
3.5
4.5
5.5
6.0
25
°C
VSTEP = 100mV
OVERDRIVE = 20mV
CLOAD = 10pF
VEE = GND
VEE = –5V
(VCC, +VS = 5.5VMAX)
OUTPUT LOAD CAPACITANCE (pF)
0
30
50
1719 G07
10
20
40
9
8
7
6
5
4
3
2
1
0
25
°C
VSTEP = 100mV
OVERDRIVE = 20mV
+VS = VCC = 5V
VEE = 0V
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com